Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 86 page
background image
MCP3910
DS20005116B-page 40
 2012-2014 Microchip Technology Inc.
The Phase delay registers can be programmed once
with the OSR = 4096 setting, and will adjust the OSR
automatically afterward without the need to change the
value of the phase registers.
• OSR = 4096
: The delay can go from -2048 to
+2047. PHASE<11> is the sign bit. PHASE<10>
is the MSB and PHASE<0> the LSB.
• OSR = 2048
: The delay can go from -1024 to
+1023. PHASE<10> is the sign bit. PHASE<9> is
the MSB and PHASE<0> the LSB.
• OSR = 1024
: The delay can go from -512 to +511.
PHASE<9> is the sign bit. PHASE<8> is the MSB
and PHASE<0> the LSB.
• OSR = 512
: The delay can go from -256 to +255
PHASE<8> is the sign bit. PHASE<7> is the MSB
and PHASE<0> the LSB.
• OSR = 256: The delay can go from -128 to +127.
PHASE<7> is the sign bit. PHASE<6> is the MSB
and PHASE<0> the LSB.
• OSR = 128: The delay can go from -64 to +63.
PHASE<6> is the sign bit. PHASE<5> is the MSB
and PHASE<0> the LSB.
• OSR = 64: The delay can go from -32 to +31.
PHASE<5> is the sign bit. PHASE<4> is the MSB
and PHASE<0> the LSB.
• OSR = 32: The delay can go from -16 to +15.
PHASE<4> is the sign bit. PHASE<3> is the MSB
and PHASE<0> the LSB.
5.10
Crystal Oscillator
The MCP3910 includes a Pierce-type crystal oscillator
with very high stability and ensures very low tempco
and jitter for the clock generation. This oscillator can
handle crystal frequencies up to 20 MHz provided that
proper load capacitances and quartz quality factor are
used. The crystal oscillator is enabled when
CLKEXT = 0 in the CONFIG1 register, therefore it can-
not be enabled during the 2-Wire Interface mode. It is
only selectable in the SPI Mode.
For a proper start-up, the load capacitors of the crystal
should be connected between OSC1 and DGND and
between OSC2 and DGND. They should also respect
Equation 5-7.
EQUATION 5-7:
When CLKEXT = 1, the crystal oscillator is bypassed
by a digital buffer, to allow direct clock input for an
external clock (see Figure 4-1). In this case, OSC2
becomes the MODE select input pin for the Interface
mode. When MODE = 0, the digital interface stays in
SPI mode; when MODE = 1, the digital interface
toggles to the 2-Wire mode. A pull-down current forces
the MODE to be logic low (SPI mode) by default if the
OSC2 pin is floating.
The external clock should not be higher than 20 MHz
before
prescaling
(MCLK < 20 MHz)
for
proper
operation.
TABLE 5-9:
PHASE VALUES WITH
MCLK = 4 MHZ, OSR = 4096,
PRE<1:0> = 00
PHASE<11:0>
Hex
Delay
(CH0 relative
to CH1)
0111 111111 11
0x7FF
+ 2047 µs
0111 111111 10
0x7FE
+ 2046 µs
0000 000000 01
0x001
+ 1 µs
0000 000000 00
0x000
0 µs
1111 111111 11
0xFFF
- 1 µs
1000 000000 01
0x801
- 2047 µs
1000 000000 00
0x800
-2048 µs
Note:
In addition to the conditions defining the
maximum MCLK input frequency range,
the
AMCLK
frequency
should
be
maintained inferior to the maximum limits
defined in Table 5-2, to ensure the
accuracy of the ADCs. If these limits are
exceeded, it is recommended to choose
either a larger OSR, or a larger prescaler
value so that AMCLK can respect these
limits.
R
M
1.6
10
6
1
fC
LOAD
-------------------------


2
<
Where:
f = crystal frequency in MHz
CLOAD = load capacitance in pF including
parasitics from the PCB
RM = motional resistance of the quartz, in
ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com