Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 21Page - Microchip Technology MCP3910 Datasheet HTML 22Page - Microchip Technology MCP3910 Datasheet HTML 23Page - Microchip Technology MCP3910 Datasheet HTML 24Page - Microchip Technology MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 25
MCP3910
4.5
OSR – Oversampling Ratio
This is the ratio of the sampling frequency to the output
data rate. OSR = DMCLK/DRCLK. The default OSR
is 256, or with MCLK = 4 MHz, PRESCALE = 1,
AMCLK = 4 MHz, fS = 1 MHz, and fD = 3.90625 ksps.
The bits in Table 4-3 in the CONFIG0 register are used
to change the oversampling ratio (OSR).
4.6
Offset Error
This is the error induced by the ADC when the inputs
are shorted together (VIN = 0V). The specification
incorporates both PGA and ADC offset contributions.
This error varies with PGA and OSR settings. The
offset is different on each channel and varies from chip
to chip. The offset is specified in µV. The offset error
can be digitally compensated independently on each
channel through the OFFCAL registers with a 24-bit
calibration word.
The offset on the MCP3910 has a low-temperature
coefficient.
4.7
Gain Error
This is the error induced by the ADC on the slope of the
transfer function. It is the deviation expressed in %,
compared to the ideal transfer function defined in
Equation 5-3. The specification incorporates both PGA
and ADC gain error contributions, but not the VREF
contribution (it is measured with an external VREF).
This error varies with PGA and OSR settings. The gain
error can be digitally compensated independently on
each channel through the GAINCAL registers with a
24-bit calibration word.
The gain error on the MCP3910 has a low temperature
coefficient.
4.8
Integral Non-Linearity Error
Integral non-linearity error is the maximum deviation of
an ADC transition point from the corresponding point of
an ideal transfer function, with the offset and gain
errors removed, or with the end points equal to zero.
It is the maximum remaining error after calibration of
offset and gain errors for a DC input signal.
4.9
Signal-to-Noise Ratio (SNR)
For the MCP3910 ADCs, the signal-to-noise ratio is a
ratio of the output fundamental signal power to noise
power (not including the harmonics of the signal), when
the input is a sine wave at a predetermined frequency
(see Equation 4-4). It is measured in dB. Usually, only
the maximum signal-to-noise ratio is specified. The
SNR figure depends mainly on the OSR and DITHER
settings of the device.
EQUATION 4-4:
SIGNAL-TO-NOISE RATIO
4.10
Signal-To-Noise Ratio And
Distortion (SINAD)
The most important Figure of Merit for the analog
performance of the ADCs present on the MCP3910 is
the
Signal-to-Noise
and
Distortion
(SINAD)
specification.
The Signal-to-Noise and Distortion ratio is similar to
Signal-to-Noise ratio, with the exception that you must
include the harmonics power in the noise power calcu-
lation (see Equation 4-5). The SINAD specification
depends mainly on the OSR and DITHER settings.
EQUATION 4-5:
SINAD EQUATION
The calculated combination of SNR and THD per the
following formula also yields SINAD (see Equation 4-6).
EQUATION 4-6:
SINAD, THD AND SNR
RELATIONSHIP
TABLE 4-3:
MCP3910 OVERSAMPLING
RATIO SETTINGS
CONFIG0
Oversampling Ratio
(OSR)
OSR<2:0>
000
32
001
64
010
128
011
256 (Default)
100
512
101
1024
110
2048
111
4096
SNR dB

10
SignalPower
NoisePower
----------------------------------


log
=
SINAD dB

10
SignalPower
Noise
HarmonicsPower
+
---------------------------------------------------------------------


log
=
SINAD dB

10
10
SNR
10
-----------


10
THD
–
10
----------------


+
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com