Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology MCP3910 Datasheet HTML 42Page - Microchip Technology MCP3910 Datasheet HTML 43Page - Microchip Technology MCP3910 Datasheet HTML 44Page - Microchip Technology MCP3910 Datasheet HTML 45Page - Microchip Technology MCP3910 Datasheet HTML 46Page - Microchip Technology MCP3910 Datasheet HTML 47Page - Microchip Technology MCP3910 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
MCP3910
DS20005116B-page 44
 2012-2014 Microchip Technology Inc.
.
FIGURE 6-1:
Control Byte.
The default device address bits are A<6:5> = 01 (con-
tact the Microchip factory for other available device
address bits). For more information, see the Product
Identification System
section. The register map is
defined in Table 9-1.
6.3
Reading from the Device
The first register read on the SDO pin is the one defined
by the address (A<4:0>) given in the control byte. After
this first register is fully transmitted, if the CS pin is
maintained logic low, the communication continues
without an additional control byte and the SDO pin
transmits
another
register
with
the
address
automatically incremented.
Four different Read mode configurations can be
defined
through
the
READ<1:0>
bits
in
the
STATUSCOM register for the address increment (see
Section 6.5
“Continuous
Communications,
Looping on Register Sets”
and Table 9-2). The data
on SDO is clocked out of the MCP3910 on the falling
edge of SCK. The reading format for each register is
defined in Section 5.5 “ADC Output Coding”.
FIGURE 6-2:
Read on a Single Register with 24-bit Format (WIDTH_DATA<1:0> = 01,
SPI Mode 1,1).
FIGURE 6-3:
Read on a Single Register with 24-bit Format (WIDTH_DATA<1:0> = 01,
SPI Mode 0,0).
A<6> A<5> A<4> A<3> A<2> A<1> A<0> R/W
Device
Address
Register Address
Read/
Write
READ Communication (SPI mode 1,1)
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<0>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
R/W
High Z
High Z
READ Communication (SPI mode 0,0)
Don’t care
Don’t care
Don’t care
SCK
SDI
SDO
CS
DATA<23>
Hi-Z
Hi-Z
Device latches SDI on rising edge
Device latches SDO on falling edge
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com