Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 25Page - Microchip Technology MCP3910 Datasheet HTML 26Page - Microchip Technology MCP3910 Datasheet HTML 27Page - Microchip Technology MCP3910 Datasheet HTML 28Page - Microchip Technology MCP3910 Datasheet HTML 29Page - Microchip Technology MCP3910 Datasheet HTML 30Page - Microchip Technology MCP3910 Datasheet HTML 31Page - Microchip Technology MCP3910 Datasheet HTML 32Page - Microchip Technology MCP3910 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 29
MCP3910
4.22
Full Shutdown Mode
The lowest power consumption can be achieved when
SHUTDOWN<1:0> = 11, VREFEXT = CLKEXT = 1. This
mode is called Full Shutdown mode, and no analog
circuitry is enabled. In this mode, both AVDD and DVDD
POR monitoring are also disabled, and no clock is
propagated throughout the chip. All ADCs are in
Shutdown mode, and the internal voltage reference is
disabled. This mode can only be entered during SPI
mode.
The clock is no longer distributed to the input structure
either. This can potentially cause high analog input
leakage currents at the analog inputs, if the input volt-
age is highly negative (typically below -0.6V referred to
AGND).
The only circuit that remains active is the SPI interface,
but this circuit does not induce any static power
consumption. If SCK is idle, the only current
consumption comes from the leakage currents induced
by the transistors and is less than 5 µA on each power
supply.
This mode can be used to power down the chip
completely and to avoid power consumption when
there is no data to convert at the analog inputs. Any
SCK or MCLK edge occurring while in this mode will
induce dynamic power consumption.
Once any of the SHUTDOWN, CLKEXT and VREFEXT
bits returns to ‘0’, the two POR monitoring blocks are
operational, and AVDD and DVDD monitoring can take
place.
4.23
Measurement Error
The measurement error specification is typically used
in power metering applications. This specification is a
measurement of the linearity of the active energy of a
given power meter across its dynamic range.
For this measurement, the goal is to measure the
active energy of one phase when the voltage Root
Mean Square (RMS) value is fixed, and the current
RMS value is sweeping across the dynamic range
specified by the meter. The measurement error is the
non-linearity error of the energy power across the cur-
rent dynamic range. It is expressed in percent (%).
Equation 4-13 shows the formula that calculates the
measurement error:
EQUATION 4-13:
In the present device, the calculation of the active
energy is done externally, as a post-processing step
that typically happens in the microcontroller, consider-
ing, for example, channel 0 as current channel and
channel 1 as voltage channel. Channel 1 is fed with a
full-scale sine wave at 600 mV peak, and is configured
with GAIN = 1 and DITHER = Maximum. To obtain the
active energy measurement error graphs, Channel 0 is
fed with sine waves with amplitudes that vary from
600 mV peak to 60 µV peak, representing a 10,000:1
dynamic range. The offset is removed on both current
and voltage channels, and the channels are multiplied
together to give instantaneous power. The active
energy is calculated by multiplying the current and volt-
age channel, and averaging the results of this power
during 20 seconds, to extract the active energy. The
sampling frequency is chosen as a multiple integer of
line frequency (coherent sampling). Therefore, the cal-
culation does not take into account any residue coming
from bad synchronization.
The measurement error is a function of IRMS, varies
with the OSR, averaging time, MCLK frequency and is
tightly coupled with the noise and linearity specifica-
tions. The measurement error is a function of the linear-
ity and THD of the ADCs, while the standard deviation
of the measurement error is a function of the noise
specification of the ADCs. Overall, the low THD speci-
fication enables low measurement error on a very large
dynamic range (e.g. 10,000:1). A low noise and high
SNR specification enables the decrease of the mea-
surement time and, therefore, of the calibration time, to
obtain a reliable measurement error specification.
Figure 2-5 shows the typical measurement error
curves obtained with the samples acquired by the
MCP3910, using the default settings with 1-point and
2-point calibration. These calibrations are detailed in
Section 8.6
“Energy
Measurement
Error
Considerations”
.
Measurement Error I
RMS
 Measured Active Energy Active Energy present at inputs
–
Active Energy present at inputs
--------------------------------------------------------------------------------------------------------------------------------------------
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com