Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 66Page - Microchip Technology MCP3910 Datasheet HTML 67Page - Microchip Technology MCP3910 Datasheet HTML 68Page - Microchip Technology MCP3910 Datasheet HTML 69Page - Microchip Technology MCP3910 Datasheet HTML 70Page - Microchip Technology MCP3910 Datasheet HTML 71Page - Microchip Technology MCP3910 Datasheet HTML 72Page - Microchip Technology MCP3910 Datasheet HTML 73Page - Microchip Technology MCP3910 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 86 page
background image
MCP3910
DS20005116B-page 70
 2012-2014 Microchip Technology Inc.
9.6
CONFIG0 Register -
Configuration Register 0
bit 14
EN_INT:
Enable the CRCREG interrupt function
1
= The interrupt flag for the CRCREG checksum verification is enabled. The Data Ready pin (DR) will
become logic low and stays logic low if a CRCREG checksum error happens. This interrupt is
cleared if the LOCK<7:0> value is made equal to the PASSWORD value (0xA5).
0
= The interrupt flag for the CRCREG checksum verification is disabled (Default).
bit 13-12
Reserved:
Should be kept equal to 0 at all times.
bit 11
EN_MDAT:
Enable Modulator Output
1
= MDAT0/1 outputs are enabled
0
= MDAT0/1 outputs are disabled and kept in high-impedance state (Default)
bit 10-2
Unimplemented:
Read as ‘0’
bit 1-0
DRSTATUS<1:0>:
Data Ready status bit for each individual ADC channel
DRSTATUS<n> = 1 - Channel CHn data is not ready (DEFAULT)
DRSTATUS<n> = 0 - Channel CHn data is ready. The status bit is set back to '1' after reading the
STATUSCOM register. The status bit is not set back to '1' by the read of the corresponding channel
ADC data.
REGISTER 9-5:
STATUSCOM REGISTER (CONTINUED)
Name
Bits
Address
Cof
CONFIG0
24
0x0D
R/W
REGISTER 9-6:
CONFIG0 REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
EN_OFFCAL
EN_GAINCAL
DITHER<1>
DITHER<0>
BOOST<1>
BOOST<0>
PRE<1>
PRE<0>
bit 23
bit 16
R/W-0
R/W-1
R/W-1
U-0
U-0
U-0
U-0
U-0
OSR<2>
OSR<1>
OSR<0>
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
VREFCAL<7>
VREFCAL<6>
VREFCAL<5>
VREFCAL<4>
VREFCAL<3>
VREFCAL<2>
VREFCAL<1>
VREFCAL<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23
EN_OFFCAL:
Enables the 24-bit digital offset error calibration on all channels
1
= Enabled. This mode does not add any group delay to the ADC data.
0
= Disabled (Default)
bit 22
EN_GAINCAL:
Enables or disables the 24-bit digital gain error calibration on all channels
1
= Enabled. This mode adds a group delay on all channels of 24 DMCLK periods. All data ready
pulses are delayed by 24 DMCLK clock periods, compared to the mode with EN_GAINCAL = 0.
0
= Disabled (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com