Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 33Page - Microchip Technology MCP3910 Datasheet HTML 34Page - Microchip Technology MCP3910 Datasheet HTML 35Page - Microchip Technology MCP3910 Datasheet HTML 36Page - Microchip Technology MCP3910 Datasheet HTML 37Page - Microchip Technology MCP3910 Datasheet HTML 38Page - Microchip Technology MCP3910 Datasheet HTML 39Page - Microchip Technology MCP3910 Datasheet HTML 40Page - Microchip Technology MCP3910 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 37
MCP3910
5.6
Voltage Reference
5.6.1
INTERNAL VOLTAGE REFERENCE
The MCP3910 contains an internal voltage reference
source specially designed to minimize drift over
temperature. In order to enable the internal voltage
reference, the VREFEXT bit in the CONFIG1 register
must be set to ‘0’ (default mode). This internal VREF
supplies reference voltage to all channels. The typical
value of this voltage reference is 1.2V ±2%. The inter-
nal reference has a very low typical temperature coeffi-
cient of ±9 ppm/°C, allowing the output to have minimal
variation, with respect to temperature, since they are
proportional to (1/VREF).
The noise of the internal voltage reference is low
enough not to significantly degrade the SNR of the
ADC, if compared to a precision external low-noise
voltage reference. The output pin for the internal volt-
age reference is REFIN+/OUT.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin, if left floating.
The bypass capacitors also help in applications where
the voltage reference output is connected to other
circuits. In this case, additional buffering may be
needed, since the output drive capability of this output
is low.
Adding too much capacitance on the REFIN+/OUT pin
may slightly degrade the THD performance of the
ADCs.
5.6.2
DIFFERENTIAL EXTERNAL
VOLTAGE INPUTS
When the VREFEXT bit is set to ‘1’, the two reference
pins (REFIN+/OUT, REFIN-) become a differential
voltage
reference
input.
The
voltage
at
the
REFIN+/OUT is noted VREF+, and the voltage at the
REFIN- pin is noted VREF-. The differential voltage
input value is given by Equation 5-4.
EQUATION 5-4:
The specified VREF range is from 1.1V to 1.3V. The
REFIN- pin voltage (VREF-) should be limited to ±0.1V,
with respect to AGND. Typically, for single-ended
reference applications, the REFIN- pin should be
directly connected to AGND, with its own separate track
to avoid any spike due to switching noise.
5.6.3
TEMPERATURE COMPENSATION
(VREFCAL<7:0>)
The internal voltage reference consists of a proprietary
circuit and algorithm to compensate first order and
second
order
temperature
coefficients.
The
compensation
enables
very
low
temperature
coefficients (typically 9 ppm/°C) on the entire range of
temperatures, from - 40°C to +125°C. This temperature
coefficient varies from part to part.
This temperature coefficient can be adjusted on each
part through the VREFCAL<7:0> bits present in the
CONFIG0 register (bits 7 to 0). These register settings
are only for advanced users. VREFCAL<7:0> should
not be modified unless the user wants to calibrate the
temperature coefficient of the whole system or
application. The default value of this register is set to
0x50. This value was chosen to optimize the standard
deviation of the tempco across process variation. The
value can be slightly improved to around 7 ppm/°C if
the VREFCAL<7:0> is written at 0x42, but this setting
degrades the standard deviation of the VREF
tempco.The typical variation of the temperature
coefficient of the internal voltage reference with respect
to the VREFCAL register code is given by Figure 5-7.
Modifying the value stored in the VREFCAL<7:0> bits
may also vary the voltage reference, in addition to the
temperature coefficient.
TABLE 5-8:
OSR = 32 OUTPUT CODE EXAMPLES
ADC Output Code (MSB First)
Hexadecimal
Decimal,
17-bit Resolution
0111
1111
1111
1111
1 0 0 0
0 0 0 0
0x7FFF80
+ 65, 535
0111
1111
1111
1111
0 0 0 0
0 0 0 0
0x7FFF00
+ 65, 534
0000
0000
0000
0000
0 0 0 0
0 0 0 0
0x000000
0
1111
1111
1111
1111
1 0 0 0
0 0 0 0
0xFFFF80
-1
1000
0000
0000
0000
1 0 0 0
0 0 0 0
0x800080
- 65,535
1000
0000
0000
0000
0 0 0 0
0 0 0 0
0x800000
- 65, 536
VREF =VREF+– VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com