Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 51Page - Microchip Technology MCP3910 Datasheet HTML 52Page - Microchip Technology MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
 2012-2014 Microchip Technology Inc.
DS20005116B-page 55
MCP3910
FIGURE 7-2:
Frame Word.
These four frames can be used to multiplex SDO at the
output of the digital isolators. In this case, up to
four channels (typically three phases and one neutral
for energy metering applications) can be multiplexed.
The output data of each individual MCP3910 device
can be attributed to a different frame (FRAME0, 1, 2 or
3), and retrieved on a single SDO line after the digital
isolators, provided that the isolators have a chip enable
or a multiplexing feature. The frame counter can then
be used to retrieve the information about which
MCP3910 part is actually being read. After the four
frames have been transmitted, the SDO pin idles logic
low to reduce digital isolator power consumption until
the next data is available. If OSR = 64, the SDO never
idles because the data is directly available after the four
frames are transmitted. Figure 7-3 displays the timing
diagram for 2-Wire Interface mode, showing all OSR
possibilities. Note that the first set of frames is sent only
when the first data is ready, which means that the
settling time of the sinc filter will be elapsed before
sending the first set of frames, as represented in
Figure 7-3.
It should also be noted that since the PHASE register
is back to its default value in the 2-Wire mode, there is
no delay between the two channels in this mode and
the conversions start after a delay of OSR/2 DMCLK
periods (which corresponds to 2 x OSR MCLK
periods).
FIGURE 7-3:
MCP3910 2-Wire Communication Protocol.
CRCCOM<15:0>
DATA_CH0<23:0>
DATA_CH1<23:0>
SYNC WORD (2 Bytes)
SDO OUTPUT FRAME (10 Bytes, 80x clocks per Frame)
CHANNEL 0 ADC DATA (3 Bytes)
CHANNEL 1 ADC DATA (3 Bytes)
SDO
SCK/
MCLK
CRCCOM<15:0>
CRCCOM on Entire Frame (2 Bytes)
DATA_CH0<15:0>
DATA_CH1<15:0>
SYNC WORD (2 Bytes)
SDO OUTPUT FRAME (8 Bytes, 64x clocks per Frame)
CHANNEL 0 ADC DATA (2 Bytes)
CHANNEL 1 ADC DATA (2 Bytes)
SDO
SCK/
MCLK
FRAME CLOCKING FOR OSR>64
FRAME CLOCKING FOR OSR=64
CRCCOM on Entire Frame (2 Bytes)
TABLE 7-4:
FRAME COUNTER SETTINGS
CNT1
CNT0
FRAME NUMBER
00
FRAME0
01
FRAME1
10
FRAME2
11
FRAME3
SDO
(OSR=64)
OSC2/
MODE
SCK/MCLK
2-Wire Mode
(2*OSR)x
clocks
Hi-Z
Hi-Z
Hi-Z
Hi-Z
SDO
(OSR=128)
SDO
(OSR=256)
SDO
(OSR=512)
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
0
DATA=D1
DATA=D2
DATA=D3
DATA=D4
DATA=D5
DATA=D6
DATA=D7
DATA=D8
DATA=D9
DATA=D10 DATA=D11 DATA=D12 DATA=D13 DATA=D14 DATA=D15 DATA=D16 DATA=D17 DATA=D18 DATA=D19 DATA=D20 DATA=D21 DATA=D22 DATA=D23 DATA=D24
0
0
0
00
0
0
0
Internal data ready (Data is unsettled). No
frame is transmitted
Data Ready.
New data is available
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
DATA=D25 DATA=D26 DATA=D27 DATA=D28 DATA=D29
0
0
-OSR/2
0
256x
clocks
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com