Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 126 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 126 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 122Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 123Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 124Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
126/154
(7) High speed carrier checking mode
This mode is used for deciding whether continuing RX state or stoping RX state during RX state, based on
RSSI level and SyncWord detection time. The value set in the [CCA_LVL:B0 0x37] register is used for RSSI
level decision, continuous operation timer is used for SyncWord detection time decision. After decision,
operation will automaticall switch to – either SLEEP state or RX state.
START
FAST_DET_MODE_EN setting
CCA_EN setting
[CCA_CTRL:B0 0x39(4-3)]
Carrier detected?
(Automatic)
Keep RX state
Yes: BUSY detection
No: IDLE detection
SyncWord detection?
Receive RX data
Yes
No *2
SLEEP command
(Automatic)
SLEEP state
END
CCA threshold setting
[CCA_LVL:B0 0x37]
Continuous operation timer setting
[WUT_CLK_SET:B0 0x2E]
[WUT_DURATION:B0 0x31]
RX_ON issue *1
[RF_STATUS: B0 0x0B]
*1 CCA start
*2: Expiring the continuous
operation timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com