Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 129 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 129 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 125Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
129/154
(2) Wake-up timer
By setting the following registers, after SLEEP, automatically wake-up to RX_ON state.
If SyncWord is detected before continuous operation timer-up, RX_ON will be continued to receive a packet.
After receiving RX completion interrupt(INT[8]: group2), by reading INT group2, MCU can determine read
RX data or not. In order to re-enter SLEEP state, executing SLEEP command after clearing all interrupts in INT
group2. If generating Sync error interrupt(INT[15]: group2), executing SLEEP command after clearing
RX_FIFO and INT group2.
If SyncWord cannot be detected, automatically go back to SLEEP state after continuous operation timer-up.
[Wake-up timer setting]
WAKEUP_EN([SLEEP_SET:B0 0x2D(4)]) =0b1
RX_DURATION_EN([SLEEP_SET:B0
0x2D(5)])=0b1
WAKEUP_MODE([SLEEP_SET:B0 0x2D(6)])=0b0
[WUT_CLK_SET:B0 0x2E]
[WUT_INTERVAL_H:B0 0x2F]
[WUT_INTERVAL_L:B0 0x30]
[RX_DURATION:B0 0x31]
[Field check function setting]
[C_CHECK_CTR:B0 0x1B]
[M_CHECK_CTRL:B0 0x1C]
[A_CHECK_CTRL:B0 0x1D]
[C_FIELD_WORD1:B0 0x1E] to
[C_FIELD_WORD5:B0 0x22]
[M_FIELD_WORD1:B0 0x23] to
[M_FIELD_WORD4:B0 0x26]
[A_FIELD_WORD1:B0 0x27] to
[A_FIELD_WORD6:B0 0x2C]
*1 At lease following 2 interrupts in the group 2
should be un-masked for data receiving.
INT[8]: RX completion interrupt
INT[15]: Sync error interrupt
START *1
SLEEP execution
[SLEEP/WU_SET:B0 0x2D(0)]
RX completion(INT[8])?
[INT_SOURCE_GRP2:B0 0x0E(0)]
Sync error (INT[15])?
[INT_SOURCE_GRP2:B0 0x0E(7)]
Yes
No
No
Yes
Read INT_SOURCE_GRP2
[INT_SOURCE_GRP2:B0 0x0E]
Field checking (INT[14])?
[INT_SOURCE_GRP2:B0 0x0E(6)]
Yes
No
Read all RX data from RX_FIFO
[RD_FIFO:B0 0x7F]
Clear INT_SOURCE_GRP2
[INT_SOURCE_GRP2:B0 0x0E]
RX FIFO clear
[SATE_CLR:B0 0x16(1)]
SLEEP execution
[SLEEP/WU_SET:B0 0x2D(0)]
Wake-up timer OFF)?
No
Wake-up timer OFF execution
[SLEEP/WU_SET:B0 0x2D(4)]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com