Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 131 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 131 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
131/154
(2) TX FIFO access error
If one of the following conditions is met, TX FIFO access error interrupt (INT[20]: group3) will be generated.
●After TX Data request accept completion interrupt (INT[17]: group3] was generated, next packet is written
to the TX_FIFO without transmiting the current TX data.
●Data write overflow occurs to the TX_FIFO.
●No TX data in the TX_FIFO during TX data transimission.
When TX FIFO acccess error interrupt occurs, issuing TRX_OFF after TX completion interrupt (INT[16]:
group3) is recognized, or issueing Force_TRX_OFF by [RF_STATUS:B0 0x0A] register without waiting for TX
completion interrupt. After that, issuing TX FIFO pointer clear by [STATE_CLR:B0 0x16] register and clear
remaining interrupts relative with TX in the [INT_SOURCE_GRP3:B0 0x0F] register.
If TX FIFO access error occurs, subquent TX data will be inverted. CRC error should be detected at rexeiver
side even if TRX_OFF is issued when TX completion interrupt detected.
START
FAST_TX setting
[RF_STATUS_CTRL:B0 0x0A]
[TXFIFO_THRH/L:B0 0x17/18]
No
Yes
No
Next packet TX ?
Yes
TRX_OFF issue
[RF_STATUS:B0 0x0B]
TX FIFO access error (INT[20])?
[NT_SOURCE_GRP3:B0 0x0F(4)]
Normal TX
(To TX flowchart)
No
Yes
Yes
TX completion (INT[16]) ?
[INT_SOURCE_GRP3:B0 0x0F(0)]
No
Forced to stop TX ?
Force_TRX_OFF issue
[RF_STATUS:B0 0x0B]
TX FIFO pointer clear
[STATE_CLR:B0 0x16(0)]
Clear INT GRP3
INT[16]-[20]
[INT SOURCE GRP3:B0 0x0F]
RF state transition wait flow
Write TX data *1
[WR_TX_FIFO:B0 0x7C]
*1 If data written to FIFO exceed THFIFO_THRL[5:0]
[TXFIFO_THRL:B0 0x18(5-0)]+1, TX will start.
(Length is included in the data length written to
FIFO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com