Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 133 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 133 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 137Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
133/154
(4) PLL unlock detection
○TX
During TX, if PLL unlock is detected, PLL unlock interrupt (INT[2] group1) will be generated. When PLL
unlock interrupt occurs, Force_TRX_OFF is automaticcally issued and move to IDLE state. SET_TRX[3:0]
([RF_STATUS: B0 0x0B(3-0)]) will be written to 0b0011(Force_TRX_OFF). PLL unlock might be occurred
when VCO calibration value is not correct. Please confirm VCO calibration or perform VCOcalibration again.
After PLL unlock interrupt occurs, max. 147 μs is necessary to move to IDLE state. Please wait for at least
147μs before next TX, RX or VCO calibration is performed.
No
Next packet TX?
Yes
PLL unlock (INT[12])?
[INT_SOURCE_GRP1:B0 0x0D(2)]
Normal TX
(To TX flowchart)
No
Yes
END
INT[12] clear
[INT_SOURCE_GRP1:B0 0x0D(2)]
TX_ON issue
[RF_STATUS:B0 0x0B]
Wait TRX_OFF(IDLE)
(147μsec)
Write TX data
[WR_TX_FIFO:B0 0x7C]
* Force_TRX_OFF is issued
automatically
.
START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com