Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 132 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 132 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 135Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 136Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
132/154
(3) RX FIFO access error
If one of the following conditions is met, RX FIFO access error interrupt (INT[12]: group2) will be generated.
●RX data overflow occurs to RX_FIFO
●Read RX_FIFO during no data in the RX_FIFO
When RX FIFO acccess error interrupt occurs, issuing TRX_OFF after RX completion interrupt (INT[8]:
group2) is recognized, or issueing Force_TRX_OFF by [RF_STATUS:B0 0x0B] register without waiting for
RX completion interrupt. After that, issuing RX FIFO pointer clear by [STATE_CLR:B0 0x16] register and
clear remaining interrupts in the [INT_SOURCE_GRP2:B0 0x0E] register.
START
No
Yes
No
Next packet to be received?
Yes
TRX_OFF issue
[RF_STATUS:B0 0x0B]
RX FIFO access error (INT[12])?
[NT_SOURCE_GRP2:B0 0x0E(4)]
Normal RX
(To RX flowchart)
No
Yes
Yes
RX completion (INT[8]) ?
[INT_SOURCE_GRP2:B0 0x0E(0)]
No
Forced to stop RX ?
Force_TRX_OFF issue
[RF_STATUS:B0 0x0B]
RX FIFO pointer clear
[STATE_CLR:B0 0x16(1)]
Clear INT GRP2
[INT_SOURCE_GRP2:B0 0x0E]
RF state transition wait flow
RX_ON issue
[RF_STATUS:B0 0x0B]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com