Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 130 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 130 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 126Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 127Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 128Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 129Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 130Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 131Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 132Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 133Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 134Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
130/154
●Error Process
(1) Sync error
When out-of-sync is detected during data reception after SyncWord detection, Sync error interrupt (INT[15]
group2) will be generated, RX completion interrupt (INT[8]: group2) will not be generated. If Sync error
interrupt occurs, issuing STATE_CLR1 [STATE_CLR: B0 0x16(1)](RX FIFO pointer clear) without read
RX_FIFO data and clear Sync error interrupt.
”data reception” indicates receiving data (L-field, data, CRC). after SyncWord detection.
START
RX_ON issue *1
[RF_STATUS:B0 0x0B]
Yes
No
Next packet received?
Yes
Clear RX FIFO
[STATE_CLR:B0 0x16(1)]
INT[15] clear
[INT_SOURCE_GRP2:B0 0x0E]
No
Out-of-Sync detection
Normal reception
(To RX flow)
TRX_OFF issue
[RF_STATUS:B0 0x0B]
RF state transition wait flow
Sync Word error (INT[15])?
[INT_SOURCE_GRP2:B0 0x0D(7)]
*1 At lease following 2 interrupts in the group 2
should be un-masked for data receiving.
INT[8]: RX completion interrupt
INT[15]: Sync error interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com