Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 144 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 144 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 140Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 141Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 142Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
144/154
BANK0 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x20
C_FIELD_CODE3
C-field setting code #3
0x21
C_FIELD_CODE4
C-field setting code #4
0x22
C_FIELD_CODE5
C-field setting code #5
0x23
M_FIELD_CODE1
M-field 1st byte setting code #1
0x24
M_FIELD_CODE2
M-field 1st byte setting code #2
0x25
M_FIELD_CODE3
M-field 2nd byte setting code #1
0x26
M_FIELD_CODE4
M-field 2nd byte setting code #2
0x27
A_FIELD_CODE1
A-field 1st byte setting
0x28
A_FIELD_CODE2
A-field 2nd byte setting
0x29
A_FIELD_CODE3
A-field 3rd byte setting
0x2A
A_FIELD_CODE4
A-field 4th byte setting
0x2B
A_FIELD_CODE5
A-field 5th byte setting
0x2C
A_FIELD_CODE6
A-field 6th byte setting
0x2D
SLEEP/WU_SET
SLEEP execution and Wake-up operation setting
0x2E
WUT_CLK_SET
Wake-up timer clock division setting
0x2F
WUT_INTERVAL_H
Wake-up timer interval setting (high byte)
0x30
WUT_INTERVAL_L
Wake-up timer interval setting (low byte)
0x31
WU_DURATION
Continue operation timer (after Wake-up) setting
0x32
GT_SET
General purpose timer configuration
0x33
GT_CLK_SET
General purpose timer clock division setting
0x34
GT1_TIMER
General purpose timer #1 setting
0x35
GT2_TIMER
General purpose timer #2 setting
0x36
CCA_IGNORE_LVL
ED threshold level setting for excluding CCA
judgement
0x37
CCA_LVL
CCA threshold level setting
0x38
CCA_ABORT
Timing setting for forced termination of CCA
operation
0x39
CCA_CTRL
CCA control setting and result indication
0x3A
ED_RSLT
ED value indication
0x3B
IDLE_WAIT_H
IDLE detection period setting during CCA (high 2bits)
0x3C
IDLE_WAIT_L
IDLE detection period setting during CCA (low byte)
0x3D
CCA_PROG_H
IDLE judgement elapsed time indication during CCA
(high 2 bits)
0x3E
CCA_PROG_L
DLE judgement elapsed time indication during CCA
(low byte)
0x3F
Reserved
Reserved
0x40
VCO_VTRSLT
VCO voltage adjustment result indication
0x41
ED_CTRL
ED detection control setting
0x42
TXPR_LEN_H
TX preamble length setting (high byte)
0x43
TXPR_LEN_L
TX preamble length setting (low byte)
0x44
POSTAMBLE_SET
Postamble length and pattern setting
0x45
SYNC_CONDITION1
RX preamble setting and ED threshold check setting
0x46
SYNC_CONDITION2
ED threshold setting during synchronization
0x47
SYNC_CONDITION3
Bit error tolerance setting in RX preamble and
SyncWord detection
0x48-4C
Reserved
Reserved
0x4D
MON_CTRL
Monitor function setting
0x4E
GPIO0_CTRL
GPIO0 pin (pin #16) configuration setting
0x4F
GPIO1_CTRL
GPIO1 pin (pin #17) configuration setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com