Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 146 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 146 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 142Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
146/154
BANK1
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x00
BANK_SEL
Register access bank select
0x01
CLK_OUT
CLK_OUT (GPIOn) output frequency setting
0x02
TX_RATE_H
TX data rate conversion setting (high 4 bits)
0x03
TX_RATE_L
TX data rate conversion setting (low byte)
0x04
RX_RATE1_H
RX data rate conversion setting 1 (high 4 bits)
0x05
RX_RATE1_L
RX data rate conversion setting 1 (low byte)
0x06
RX_RATE2
RX data rate conversion setting 2
0x07
Reserved
Reserved
0x08
ADC_CLK_SET
RSSI ADC clock frequency setting
0x09-0A
Reserved
Reserved
0x0B
PLL_LOCK_DETECT
PLL lock detection setting
0x0C-0x12
Reserved
Reserved
0x13
RSSI_MAG_ADJ
Scale factor setting for ED value conversion
0x14
RSSI_VAL
RSSI value indication
0x15
AFC_CTRL
AFC control setting
0x16
CRC_POLY3
CRC Polynomial setting 3
0x17
CRC_POLY2
CRC Polynomial setting 2
0x18
CRC_POLY1
CRC Polynomial setting 1
0x19
CRC_POLY0
CRC Polynomial setting 0
0x1A
PLL_DIV_SET
PLL frequency division setting
0x1B
TXFREQ_I
TX frequency setting (I counter)
0x1C
TXFREQ_FH
TX frequency setting (F counter high 4 bits)
0x1D
TXFREQ_FM
TX frequency setting (F counter middle byte)
0x1E
TXFREQ_FL
TX frequency setting (F counter low byte)
0x1F
RXFREQ_I
RX frequency setting (I counter)
0x20
RXFREQ_FH
RX frequency setting (F counter high 4 bits)
0x21
RXFREQ_FM
RX frequency setting (F counter middle byte)
0x22
RXFREQ_FL
RX frequency setting (F counter low byte)
0x23
CH_SPACE_H
Channel space setting (high byte)
0x24
CH_SPACE_L
Channel space setting (low byte)
0x25
SYNC_WORD_LEN
SyncWord length setting
0x26
SYNC_WORD_EN
SyncWord enable setting
0x27
SYNC_WORD1_SET0
SyncWord #1 setting (bit24 to 31)
0x28
SYNC_WORD1_SET1
SyncWord #1 setting (bit16 to 23)
0x29
SYNC_WORD1_SET2
SyncWord #1 setting (bit8 to 15)
0x2A
SYNC_WORD1_SET3
SyncWord #1 setting (bit0 to 7)
0x2B
SYNC_WORD2_SET0
SyncWord #2 setting (bit24 to 31)
0x2C
SYNC_WORD2_SET1
SyncWord #2 setting (bit16 to 23)
0x2D
SYNC_WORD2_SET2
SyncWord #2 setting (bit8 to 15)
0x2E
SYNC_WORD2_SET3
SyncWord #2 setting (bit0 to 7)
0x2F
FSK_CTRL
GFSK/FSK modulation timing resolution setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com