Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 147 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 147 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 143Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 144Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 145Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
147/154
BANK1 (continued)
Bit
Address
Symbol
(# test register)
7
6
5
4
3
2
1
0
Description
0x30
GFSK_DEV_H
GFSK frequency deviation setting (high 6 bits)
0x31
GFSK_DEV_L
GFSK frequency deviation setting (low byte)
0x32
FSK_DEV0_H/GFIL0
FSJ 1st frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 0
0x33
FSK_DEV0_L/GFIL1
FSJ 1st frequency deviation setting (low byte) /
Gaussian filter coefficient setting 1
0x34
FSK_DEV1_H/GFIL2
FSJ 2nd frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 2
0x35
FSK_DEV1_L/GFIL3
FSJ 2nd frequency deviation setting (low byte) /
Gaussian filter coefficient setting 3
0x36
FSK_DEV2_H/GFIL4
FSJ 3rd frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 4
0x37
FSK_DEV2_L/GFIL5
FSJ 3rd frequency deviation setting (low byte) /
Gaussian filter coefficient setting 5
0x38
FSK_DEV3_H/GFIL6
FSJ 4th frequency deviation setting (high 6 bits) /
Gaussian filter coefficient setting 6
0x39
FSK_DEV3_L
FSJ 4th frequency deviation setting (low byte)
0x3A
FSK_DEV4_H
FSJ 5th frequency deviation setting (high 6 bits)
0x3B
FSK_DEV4_L
FSJ 5th frequency deviation setting (low byte)
0x3C
FSK_TIM_ADJ4
FSK 4th frequency deviation hold timing setting
0x3D
FSK_TIM_ADJ3
FSK 3rd frequency deviation hold timing setting
0x3E
FSK_TIM_ADJ2
FSK 2nd frequency deviation hold timing setting
0x3F
FSK_TIM_ADJ1
FSK 1st frequency deviation hold timing setting
0x40
FSK_TIM_ADJ0
FSK no-deviation frequency (carrier frequency) hold
timing setting
0x41-4C
Reserved
Reserved
0x4D
VCO_CAL_MIN_I
VCO calibration low limit frequency setting
(I counter)
0x4E
VCO_CAL_MIN_FH
VCO calibration low limit frequency setting
(F counter high 4 bits)
0x4F
VCO_CAL_MIN_FM
VCO calibration low limit frequency setting
(F counter middle byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com