Electronic Components Datasheet Search
  English  ▼

X  

ML7344CE Datasheet(PDF) 151 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344CE
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344CE Datasheet(HTML) 151 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344CE Datasheet HTML 146Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 147Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 148Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 149Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 150Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 151Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 152Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 153Page - LAPIS Semiconductor Co., Ltd. ML7344CE Datasheet HTML 154Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
151/154
■Footprint Pattern (Recommendation)
When laying out PC boards, it is important to design the foot pattern so as to give consideration to ease of
mounting, bonding, positioning of parts, reliability, wiring, and elimination of slder bridges.
The optimum design for the foot pattern varies with the materials of the substrate, the sort and thichness of used
soldering paste, and the way of soldering. Therefore when laying out the foot pattern on the PC boards, refer to this
figure which mean the mounting area that the package leads are allowable for soldering PC boards.
P-WQFN32-0505-0.50-A63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com