Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 45 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 45 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor MICRF507 Datasheet HTML 43Page - Micrel Semiconductor MICRF507 Datasheet HTML 44Page - Micrel Semiconductor MICRF507 Datasheet HTML 45Page - Micrel Semiconductor MICRF507 Datasheet HTML 46Page - Micrel Semiconductor MICRF507 Datasheet HTML 47Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
45
Revision 2.2
OutS3
OutS2
OutS1
OutS0
IchOut
QchOut
Ichout2 / RSSI
QchOut2 / NC
0
0
0
0
Gnd
Gnd
Gnd
Gnd
0
0
0
1
Ip mixer
In mixer
Ip IFamp
In IFamp
0
0
1
0
Qp mixer
Qn mixer
Qp IFamp
Qn IFamp
0
0
1
1
Ip IFamp
In IFamp
Ip SC-filter
In SC-filter
0
1
0
0
Qp IFamp
Qn IFamp
Qp SC-filter
Qn SC-filter
0
1
0
1
Ip SC-filter
In SC-filter
Gnd
I limiter
0
1
1
0
Qp SC-filter
Qn SC-filter
Gnd
Q limiter
0
1
1
1
Ip mixer
In mixer
Ip SC-filter
In SC-filter
1
0
0
0
Qp mixer
Qn mixer
Qp SC-filter
Qn SC-filter
1
0
0
1
Ip mixer
In mixer
Gnd
I limiter
1
0
1
0
Qp mixer
Qn mixer
Gnd
Q limiter
1
0
1
1
Ip mixer
Qp mixer
ModIn
PrescalMode
1
1
0
0
Ip IFamp
Qp IFamp
TI1
TQ1
1
1
0
1
Ip SC-filter
Qp SC-filter
DemodUp
DemodDn
1
1
1
0
I limiter
Q limiter
Demod
MAout
1
1
1
1
N-div
M-div
Phi1n
Phi2n
Table 28. Test Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com