Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 3Page - Micrel Semiconductor MICRF507 Datasheet HTML 4Page - Micrel Semiconductor MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor MICRF507 Datasheet HTML 10Page - Micrel Semiconductor MICRF507 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
7
Revision 2.2
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) ...................................................+2.7V
Voltage on any pin (GND = 0V). ............. -0.3V to +2.7V
Lead Temperature (soldering, 4sec.) ......................... 300°C
Storage Temperature (Ts) ..........................-55°C to +150°C
ESD Rating
(3)..................................................................2kV
Operating Ratings
(2)
Supply Voltage (VIN).................................. +2.0V to +2.5V
RF Frequencies ................................ 470MHz to 510MHz
Encoded Bit Rate .................................................200kbps
Ambient Temperature (TA).......................–40°C to +85°C
Package Thermal Resistance
32-Pin QFN (
θ
JA) .........................................41.7°C/W
Electrical Characteristics
(4)
fRF = 490MHz, fXTAL = 16MHz, MICRF507 Development Board, Modulation type = closed-loop VCO modulation, Sync_en bit = 1,
VDD = 2.5V; TA = 25°C, the term “bit rate” refers to encoded bit rate throughout the EC table (see Figure 24), bold values indicate
–40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fRF
RF Frequency Operating Range
470
510
MHz
VDD
Power Supply
2.5
V
Power Down Current
0.2
3
µA
Standby Current
280
µA
VCO and PLL Section
Reference Frequency
4
40
MHz
PLL Lock Time, 3kHz Bandwidth
490MHz to 490.5MHz
0.7
ms
485MHz to 495MHz
1.3
ms
PLL Lock Time, 20kHz Bandwidth
490MHz to 490.5MHz
0.3
ms
Switch Time, 3kHz Loop Bandwidth
Rx – Tx
1.0
ms
Tx – Rx
1.0
Standby to Rx
1.0
Standby to Tx
1.0
Crystal Oscillator Start-Up Time
With MICRF507 development
board BOM
1.0
ms
Charge Pump Current
VCPOUT = 1.1V, CP_HI = 0
100
125
170
µA
VCPOUT = 1.1V, CP_HI = 1
420
500
680
µA
Transmit Section
POUT
Output Power
RLOAD = 50Ω, PA[2:0] = 111
10
dBm
RLOAD = 50Ω, PA[2:0] = 001
-3.5
dBm
Output Power Variation Relative to
VDD = 2.5V, TA = 25°C
Over temperature range
±1
dB
VDD = 2.0V
-2
dB
Transmit Mode Current
Consumption
RLOAD = 50Ω, PA[2:0] = 111
21.5
mA
RLOAD = 50Ω, PA[2:0] = 001
10.5
mA
RLOAD = 50Ω, PA[2:0] = 000
8.0
mA
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model; 1.5k in series with 100pF.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com