Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
25
Revision 2.2
The front end’s input impedance, with no matching
network, is close to 50
Ω as shown in Figure 15. This gives
an input reflection coefficient of about -13dB. Although the
receiver does not require a matching network to optimize
the gain, a matching network is recommended for
harmonic
suppression
during
transmission
and
for
improved selectivity in reception.
Sallen-Key Filters
Each IF channel includes a pre-amplifier and a pre-filter.
The preamplifier has a gain of 22dB. The IF amplifier also
removes DC offset. Gain varies by less than 0.5dB over a
2.0V to 2.5V variation in power supply.
The pre-filter is implemented as a three-pole Sallen-Key
low-pass filter. It protects the switched-capacitor filter that
follows it from strong adjacent channel signals and also
serves as an anti-aliasing filter. It is programmable to four
different cut-off frequencies as shown in Table 14.
PF_FC1
PF_FC0
Cutoff (3dB filter corner)
0
0
100kHz
0
1
150kHz
1
0
230kHz
1
1
340kHz
Table 14. Pre-Filter Bit Field
Switched Capacitor Filter
The main IF channel filter is a switched-capacitor
implementation of a six-pole elliptic low pass filter. This
meets selectivity and dynamic range requirements with
minimum total capacitance. The cut-off frequency of the
switched-capacitor filter is adjustable by changing the
clock frequency.
A 6-bit frequency divider, programmed by the ScClk[5:0]
field, is clocked by the crystal oscillator. Its output, which is
20 times the filter’s cutoff frequency, is then divided by 4 to
generate the correct non-overlapping clock phases needed
by the filter. The cut-off frequency of the filter is given by:
ScClk
40
f
f
XCO
CUT
⋅
=
fCUT: Filter cutoff frequency
fXCO: Crystal oscillator frequency
ScClk: Switched capacitor filter clock, bits ScClk[4:0]
(bit 0 has a mandatory value of ‘0’).
For instance, for a crystal frequency of 16MHz and if the 6
bit divider divides the input frequency by 4, the cut-off
frequency of the SC filter is 16MHz/(40 x 4) = 100kHz. A
first-order RC low-pass filter removes clock frequency
components from the signal at the switched-capacitor filter
output.
The pre-filter and switched-capacitor filters in cascade
must pass the full IF bandwidth of the received signal. In a
zero-IF receiver such as the MICRF507 this bandwidth is
as follows:
2
r
f
f
f
b
DEV
OFFSET
BW
+
+
=
where
fBW: Needed receiver bandwidth; fCUT above should
not be smaller than fBW [Hz]
fOFFSET: Total frequency offset between receiver and
transmitter [Hz]
fDEV: Single-sided frequency deviation [Hz]
rb: The bit rate in bits/sec
RSSI
Figure 16. RSSI Voltage
Figure 17. RSSI Network
Figure 16 shows a typical plot of the RSSI voltage as a
function of input power. The RSSI termination network is
shown in Figure 17. The RSSI has a dynamic range of
about 50dB from about -110dBm to -60dBm input power.
When an RF signal is received, the RSSI output increases
and can serve as a signal presence indicator. It could be
used to wake up external circuitry that conserves battery
life while in a sleep mode. Note that RSSI only functions in
Receive mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com