Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
28
Revision 2.2
Transmitter
Power Amplifier
The maximum output power of the power amplifier (PA) is
approximately 10dBm with a 50Ω load. For maximum
output power, the load seen by the PA must be resistive.
Higher output power can be obtained by decreasing the
load impedance, but this will conflict with impedance
matching to the LNA.
The output power is programmable in seven levels by
means of the PA[2:0] field, with approximately 2.5dB
between steps; see Table 17. The power amplifier is
turned off when PA[2:0] = 000. Otherwise the PA is on and
output power increases with the value of the PA[2:0] field
and is maximum when PA[2:0] = 111.
Setting PA_by=1 causes the PA to be bypassed and
output power to drop by ~22dB. It is still possible to control
the power with PA[2:0] bits.
The LC filter shown in Figure 18 reduces harmonic
emission when placed between the ANT pin and antenna.
Field Name
Number
of bits
Location
of bits
Description
Reference
Modulation
2
Reg1[7:6]
Modulation selection
Table 18
Mod_I
5
Reg4[4:0]
Modulator current setting
Mod_A
4
Reg5[3:0]
Modulator attenuator setting
Mod_F
3
Reg4[7:5]
Modulator filter setting
PA
3
Reg0[6:4]
Power amplifier level
Table 17
PA_by
1
Reg2[4]
Bypass of PA stage on/off
Table 17
Table 16. Register Bit Fields for Transmitter and VCO Modulation
PA2
PA1
PA0
State (approximate attenuation)
0
0
0
PA off
0
0
1
15dB attenuation
0
1
0
12.5dB attenuation
0
1
1
10dB attenuation
1
0
0
7.5dB attenuation
1
0
1
5dB attenuation
1
1
0
2.5dB attenuation
1
1
1
Max output
PA_By
0
Power Amplifier Enabled
1
Power Amplifier bypassed, approx 20dB reduced output power.
Table 17. Register Bit Fields for Power Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com