Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 44 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 44 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor MICRF507 Datasheet HTML 43Page - Micrel Semiconductor MICRF507 Datasheet HTML 44Page - Micrel Semiconductor MICRF507 Datasheet HTML 45Page - Micrel Semiconductor MICRF507 Datasheet HTML 46Page - Micrel Semiconductor MICRF507 Datasheet HTML 47Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
44
Revision 2.2
Category
Field Name
Number
of Bits
Location
of Bits
Description
Reference
XCOtune
5
Reg9[4:0]
Crystal oscillator trimming
RefClk_K
6
Reg7[5:0]
Reference clock divider
BitRate_clkS
3
Reg6[0],
Reg7[7:6]
Bitrate clock setting
Mod_clkS
3
Reg6[6:4]
Modulator clock setting
BitSync_clkS
3
Reg6[3:1]
BitSync clock setting
DataI/F
Sync_en
1
Reg0[3]
Synchronizer Mode bit
Table 7
M0
12
Reg13[3:0],
Reg14[7:0]
M0 counter
A0
6
Reg10[5:0]
A0 counter
N0
12
Reg11[3:0],
Reg12[7:0]
N0 counter
M1
12
Reg18[3:0],
Reg19[7:0]
M1 counter
A1
6
Reg15[5:0]
A1 counter
N1
12
Reg16[3:0],
Reg17[7:0]
N1 counter
CP_HI
1
Reg2[7]
High charge pump current (500
μA = 4x) on/off
VCO_Freq
2
Reg3[1:0]
Frequency setting of VCO (highest frequency at 11)
VCO_IB
3
Reg3[4:2]
VCO bias current setting (highest current at 111, 100
typical)
LD_en
1
Reg1[2]
Lock detect function on/off
By_LNA
1
Reg0[7]
LNA bypass on/off
PF_FC
2
Reg1[1:0]
Pre-filter corner frequency
Table 14
SC_by
1
Reg2[6]
Bypass of switched capacitor filter on/off
ScClk
5
Reg8[4:0]
Switched Cap clock divider
RSSI_en
1
Reg1[3]
RSSI function on/off
FEEC
4
Reg21[3:0]
FEE control bits
Table 15
FEE
8
Reg22[7:0]
FEE value (read only)
Modulation
2
Reg1[7:6]
Modulation selection
Table 18
Mod_I
5
Reg4[4:0]
Modulator current setting
Mod_A
4
Reg5[3:0]
Modulator attenuator setting
Mod_F
3
Reg4[7:5]
Modulator filter setting
PA
3
Reg0[6:4]
Power amplifier level
Table 17
PA_by
1
Reg2[4]
Bypass of PA stage on/off
System
Mode
2
Reg0[2:1]
Main mode selection
Table 20
OUTS
4
Reg2[3:0]
Test pins output
Table 28
Table 27. Register Fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com