Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 24 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 24 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 20Page - Micrel Semiconductor MICRF507 Datasheet HTML 21Page - Micrel Semiconductor MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
24
Revision 2.2
Receiver
Field Name
Number
of bits
Location
of bits
Description
Reference
By_LNA
1
Reg0[7]
LNA bypass on/off
PF_FC
2
Reg1[1:0]
Pre-filter corner frequency
Table 14
SC_by
1
Reg2[6]
Bypass of switched capacitor filter on/off
ScClk
5
Reg8[4:0]
Switched Cap clock divider
RSSI_en
1
Reg1[3]
RSSI function on/off
FEEC
4
Reg21[3:0]
FEE control bits
Table 15
FEE
8
Reg22[7:0]
FEE value (read only)
Table 13. Register Bit Fields for Receiver
The receiver is a zero intermediate frequency (ZIF) type
employing low-power, fully integrated low-pass filters.
A low noise amplifier (LNA) drives a quadrature mixer pair.
The mixer outputs feed two identical signal channels.
Each channel’s signal path has a pre-amplifier, a third
order
Sallen-Key RC
low-pass
pre-filter,
a
six-pole
switched-capacitor
filter
(which
determines
actual
selectivity), and finally a limiter.
The limiter outputs then enter a demodulator which detects
the relative phase of the baseband I and Q signals. If the I
channel signal lags the Q channel, the FSK tone frequency
lies above the LO frequency (data ‘1’). If the I channel
leads the Q channel, then the FSK tone lies below the LO
frequency (data ‘0’). The output of the demodulator is
available on the DATAIXO pin; in either raw form or
latched with the recovered clock according to the setting of
Sync_en bit. An RSSI (receive signal strength indicator)
circuit indicates the received signal level.
Front End
The MICRF507’s low-noise amplifier boosts the incoming
signal prior to frequency conversion in order to prevent
mixer noise from
degrading overall front-end noise
performance. The LNA is a two-stage amplifier and has a
nominal gain of approximately 23dB at 490MHz. The front
end has a gain of about 31dB to34dB. The gain varies by
1-1.5dB over a 2.0V to 2.5V variation in power supply.
The LNA can be bypassed by setting bit LNA_by to ‘1’.
This can be useful for very strong input signal levels. The
front-end gain with the LNA bypassed is about 12dB. The
mixers have about 10dB of gain at 490MHz. With
appropriate setting of the OUTS field (register 2, bits D3 to
D0), the differential outputs of the mixers can be made
available
at
pins
IchOut
and
QchOut.
The
output
impedance of each mixer is about 8k
Ω.
Figure 15. LNA Input Impedance
RESISTANCE
32.4
Ω
33.4
Ω
34.4
Ω
REACTANCE
7.9
Ω
7.4
Ω
6.4
Ω
MHz
470
490
510
MARKER
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com