Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 36 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 36 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
36
Revision 2.2
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
GRM188R71C103K
Murata
(6)
0.01µF, 16V Capacitor, X7R ±10%, Size 0603
1
C2
GRM219R71C104K
Murata
0.1µF, 16V Capacitor, X7R ±10%, Size 0805
1
C3
No Connect
0
C4
GRM1885C1H120J
Murata
12pF, 50V Capacitor, COG ±5%, Size 0603
1
C5
GRM1885C1H390J
Murata
39pF, 50V Capacitor, COG ±5%, Size 0603
1
C6
GRM1885C1H120J
Murata
12pF, 50V Capacitor, COG ±5%, Size 0603
1
C7
GRM155R61A102K
Murata
Optional 1000pF
1
C8, C9
GRM1555C1H1R5C
Murata
1.5pF, 50V Capacitor, COG ±0.25pF, Szie 0402
2
C10
GRM155R61A102K
Murata
1000pF, 10V Capacitor, X5R ±10%, Size 0402
1
C11
GRM155R71H221K
Murata
220pF, 50V Capacitor, X7R ±10%, Size 0402
1
C12, C13
GRM155R61A102K
Murata
1000pF, 10V Capacitor, X5R ±10%, Size 0402
2
R1
CRCW04026200RJK
Vishay
(7)
6.2k Resistor, ±5%, Size 0402
1
R2
CRCW04020RJK
Vishay
0
Ω Resistor, ±5%, Size 0402
1
R3
CRCW040227KJK
Vishay
27k Resistor, ±5%, Size 0402
1
R5
CRCW040282KJK
Vishay
82k Resistor, ±5%, Size 0402
1
R6
CRCW040233KJK
Vishay
33K Resistor, ±5%, Size 0402
1
R7
CRCW04020RJK
Vishay
0
Ω Resister, ±5% Size 0402
1
L1
0603CS-12NXJB
Coilcraft
(8)
12nH, ±5%, Size 0603
1
Y1
TSX-10A16.0000MHz:
TN4-26011
Toyocom
(9)
16MHz, 9pF, 10/10ppm
1
U1
MICRF507
Micrel, Inc.
(10)
470MHz to 510MHz Low-Power FSK Transceiver
with +10dBm Power Amplifier
1
Notes:
6.
Murata: www.murata.com
7.
Vishay: www.vishay.com
8.
Coilcraft: www.coilcraft.com
9.
Toyocom: www.epsontoyocom.co.jp/english
10. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com