Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor MICRF507 Datasheet HTML 37Page - Micrel Semiconductor MICRF507 Datasheet HTML 38Page - Micrel Semiconductor MICRF507 Datasheet HTML 39Page - Micrel Semiconductor MICRF507 Datasheet HTML 40Page - Micrel Semiconductor MICRF507 Datasheet HTML 41Page - Micrel Semiconductor MICRF507 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
38
Revision 2.2
Overview of Programming Bits
Address
Field
Data Field
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000001
Modulation1
Modulation0
OL_opamp_en
(“0”)
PA_LDc_en
(”0”)
RSSI_en
LD_en
PF_FC1
PF_FC0
0000010
CP_HI
SC_by
VCO_by
(“0”)
PA_by
OUTS3
OUTS2
OUTS1
OUTS0
0000011
IFBias_s
(“1”)
IFA_HG
(“1”)
VCO_BIAS_s
(“0”)
VCO_IB2
VCO_IB1
VCO_IB0
VCO_freq
1
VCO_freq0
0000100
Mod_F2
Mod_F1
Mod_F0
Mod_I4
Mod_I3
Mod_I2
Mod_I1
Mod_I0
0000101
-
-
Mod_FHG
(“0”)
Mod_shape
(“1”)
Mod_A3
Mod_A2
Mod_A1
Mod_A0
0000110
-
Mod_clkS2
Mod_clkS1
Mod_clkS0 BitSync_clkS2 BitSync_clkS1
BitSync_cl
kS0
BitRate_clkS2
0000111
BitRate_clkS1 BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
0001000
SC_HI
(“1”)
ScClk_X2
(“1”)
ScSW_en
(“0”)
ScClk4
ScClk3
ScClk2
ScClk1
ScClk0
0001001
PrescalMode_s
(“0”)
Prescal_s
(“0”)
XCOAR_en
(”1”)
XCOtune4
XCOtune3
XCOtune2
XCOtune1
XCOtune0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
0010100
Div2_HI
(“1”)
LO_IB1
(“0”)
LO_IB0
(“1”)
PA_IB4
(”1”)
PA_IB3
(”0”)
PA_IB2
(”1”)
PA_IB1
(”0”)
PA_IB0
(“1”)
0010101
-
-
-
-
FEEC_3
FEEC_2
FEEC_1
FEEC_0
0010110
FEE_7
FEE_6
FEE_5
FEE_4
FEE_3
FEE_2
FEE_1
FEE_0
Table 25. Overview of Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com