Electronic Components Datasheet Search
  English  ▼

X  

MICRF507 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 22Page - Micrel Semiconductor MICRF507 Datasheet HTML 23Page - Micrel Semiconductor MICRF507 Datasheet HTML 24Page - Micrel Semiconductor MICRF507 Datasheet HTML 25Page - Micrel Semiconductor MICRF507 Datasheet HTML 26Page - Micrel Semiconductor MICRF507 Datasheet HTML 27Page - Micrel Semiconductor MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
26
Revision 2.2
Another use for RSSI is to determine that transmit power
can be reduced in a system. If the RSSI detects a strong
signal, the transmitter could be alerted to reduce its
transmit power and so reduce current consumption.
FEE
The Frequency Error Estimator (FEE) counts pulses from
inside the demodulator to measure the frequency offset
between it’s receive frequency and the transmitter’s
frequency. The maximum offset that FEE can correctly
report a frequency difference is about ±20ppm. The output
of the FEE can be used to tune the XCO frequency, both
for production calibration and to compensate for crystal
temperature drift and aging.
The FEE is enabled when FEEC[1:0] = 11, and is off when
FEEC[1:0] = 00 (do not use other values).
It has two
counters. One counter determines the measurement
period by generating a trigger every time it has counted up
the number of bit periods selected by the setting of
FEEC[3:2] as given in Table 15. A second counter
accumulates the net tally of UP and DN pulses from the
demodulator. For each incoming ‘1’ bit, UP carries an
average number of pulses that is twice the modulation
index (
β), and likewise for each incoming ‘0’ bit and DN.
The trigger transfers the contents of the second counter to
the FEE register and clears it, after which it begins
accumulating again.
FEEC_1
FEEC_0
FEE Mode
0
0
Off
0
1
Do not use
1
0
Do not use
1
1
Counting UP and DN pulses. UP
increments the counter, DN
decrements it.
FEEC_3
FEEC_2
No. of bits used for the
measurement
0
0
8
0
1
16
1
0
Do not use
1
1
Do not use
Table 15. FEEC (Frequency Error Estimator Control) Bits
The result of the measurement, read from the FEE register
at address 22 (16 hex, 0010110 binary), is actually an
eight-bit two’s complement signed number, which can
have values from -128 to 127. Reading FEE gives the
most recently transferred value. The raw FEE value,
treated as an unsigned number ranging from 0 to 255, can
be converted into a signed integer as follows:
If FEE < 128 then {FEESIGNED = FEE}
Else {FEESIGNED = (FEE - 256)},
For a straightforward measurement of frequency offset, the
incoming signal has to have an equal number of ones and
zeros, such as a 1010… preamble. The frequency offset
can then be calculated:
SIGNED
b
OFFSET
FEE
4P
r
f
=
where FEE is the value read from the FEE register (treated
as a signed number), P is the number of data bits over
which the count is taken, and rb is the bit rate. When
fOFFSET is zero, the transmitter and receiver are perfectly
aligned. A positive fOFFSET means that the received signal
has a higher frequency than the carrier frequency to which
the receiver is tuned. To compensate for this, the
receiver’s XCO frequency should be increased by reducing
XCO_tune bits as detailed in the “Crystal Oscillator (XCO)”
section.
Counting a larger number of symbols (higher P) improves
the accuracy of the measurement. Beware, however, of
overflow, which can cause the FEE value to jump from
+127 to -128 after only one excessive count.
If the frequency offset is too large for the chosen P, then P
must be reduced. P = 8 or P = 16 is safest.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com