Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 19Page - Microchip Technology MCP8026 Datasheet HTML 20Page - Microchip Technology MCP8026 Datasheet HTML 21Page - Microchip Technology MCP8026 Datasheet HTML 22Page - Microchip Technology MCP8026 Datasheet HTML 23Page - Microchip Technology MCP8026 Datasheet HTML 24Page - Microchip Technology MCP8026 Datasheet HTML 25Page - Microchip Technology MCP8026 Datasheet HTML 26Page - Microchip Technology MCP8026 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 23
MCP8025/6
3.9
LIN Transceiver Transmit Data
Input (TX)
The TX input pin is used to send data to the LIN Bus.
The LIN_BUS pin is low (dominant) when TXD is low
and high (recessive) when TXD is high. Data to be
transmitted from a host MCU is sent to the LIN bus via
the TX pin.
3.10
LIN Transceiver Fault/
Transmit Enable (FAULTn/TXE)
Fault Detect output and Transmitter Enable input
bidirectional pin. The FAULTn/TXE pin will be driven
low whenever a LIN fault occurs. There is a
47 k
 resistor between the internal fault signal and the
FAULTn/TXE pin to allow the pin to be externally driven
high after a fault has occurred. The FAULTn/TXE pin
must be pulsed high to start a transmit. If there is no
fault present when the pin is pulsed, the FAULTn/TXE
pin will latch and be driven high by an internal 47 k
impedance. The FAULTn/TXE pin may then be
monitored for faults.
No external pull up is needed. The microcontroller pin
controlling the FAULTn/TXE pin must be able to switch
between output and input modes.
3.11
Zero-Crossing Multiplexer Inputs
(MUX1, MUX2)
The MUX1 and MUX2 multiplexer inputs select the
desired phase winding to be used as the zero-crossing
Back EMF phase reference. The output of the
multiplexer connects to one input of the zero-crossing
comparator. The other zero-crossing comparator input
connects to the neutral voltage. The MUX1 and MUX2
inputs must be driven by the host processor
synchronously with the motor commutation.
3.12
Zero-Crossing Detector Output
(ZC_OUT)
The ZC_OUT output pin is the output of the
zero-crossing comparator. When the phase voltage
selected by the multiplexer inputs crosses the neutral
voltage, the zero-crossing detector will change the
output state.
The ZC_OUT output is an open-drain output.
3.13
Neutral Voltage Reference Input
(COMP_REF)
The COMP_REF input pin is used to connect to the
neutral point of a motor if the neutral point is available.
The COMP_REF input may be selected via a
configuration register as the neutral voltage reference
used by the zero-crossing comparator.
3.14
Current Limit and Driver Fault
Output (ILIMIT_OUT)
Dual-purpose output pin. The open-drain output goes
low when the current sensed by current sense
amplifier 1 exceeds the value set by the internal current
reference DAC. The DAC has an offset of 0.991V
(typical) which represents the zero current flow.
The open-drain output will also go low while a fault is
active. Table 4-1 shows the faults that cause the
ILIMIT_OUT pin to go low.
The ILIMIT_OUT pin is able to sink 1 mA of current
while maintaining less than a 50 mV drop across the
output.
3.15
Operational Amplifier Outputs
(I_OUT1, I_OUT2, I_OUT3)
Current sense amplifier outputs. May be used with
feedback resistors to set the current sense gain. The
amplifiers are disabled when CE = 0.
3.16
Operational Amplifier Inputs
(ISENSE1 +/-, ISENSE2 +/-,
ISENSE3 +/-)
Current sense amplifier inverting and non-inverting
inputs. Used in conjunction with the I_OUTn pin to set
the current sense gain. The amplifiers are disabled
when CE = 0.
3.17
Low-Side N-Channel MOSFET
Driver Outputs (LSA, LSB, LSC)
Low-side N-channel MOSFET drive signal. Connect to
the gate of the external MOSFETs. A low-impedance
resistor may be used between these pins and the
MOSFET gates to limit current and slew rate.
3.18
High-Side N-Channel MOSFET
Driver Outputs (HSA, HSB, HSC)
High-side N-channel MOSFET drive signal. Connect to
the gate of the external MOSFETs. A low-impedance
resistor may be used between these pins and the
MOSFET gates to limit current and slew rate.
3.19
Driver Phase Inputs
(PHA, PHB, PHC)
Phase signals from motor. These signals provide
high-side N-channel MOSFET driver reference and
Back EMF sense input. The phase signals are also
used with the bootstrap capacitors to provide high-side
gate drive via the VBx inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com