Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 56Page - Microchip Technology MCP8026 Datasheet HTML 57Page - Microchip Technology MCP8026 Datasheet HTML 58Page - Microchip Technology MCP8026 Datasheet HTML 59Page - Microchip Technology MCP8026 Datasheet HTML 60Page - Microchip Technology MCP8026 Datasheet HTML 61Page - Microchip Technology MCP8026 Datasheet HTML 62Page - Microchip Technology MCP8026 Datasheet HTML 63Page - Microchip Technology MCP8026 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
MCP8025/6
DS20005339B-page 62
 2016 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP8025:
3-Phase Brushless DC (BLDC) Motor
Gate Driver with Power Module and LIN
Transceiver
MCP8025T:
3-Phase Brushless DC (BLDC) Motor
Gate Driver with Power Module and LIN
Transceiver (Tape and Reel)
MCP8026:
3-Phase Brushless DC (BLDC) Motor
Gate Driver with Power Module
MCP8026T:
3-Phase Brushless DC (BLDC) Motor
Gate Driver with Power Module (Tape
and Reel)
Tape and
Reel:
T
= Tape and Reel (1)
Blank = Tube
Temperature
Warning:
115 = 115°C
Temperature
Range:
E
=
-40°C to +125°C (Extended)
H
=
-40°C to +150°C (High)
Package:
MP = Plastic Quad Flat, No Lead Package – 5x5 mm
Body with 3.5x3.5 mm Exposed Pad, 40-lead
PT = Thin Quad Flatpack – 7x7x1.0 mm Body with
Exposed Pad, 48-lead
Examples:
a)
MCP8025-115E/MP: Extended temperature
40LD 5x5 QFN package
b)
MCP8025T-115E/MP: Tape and Reel
Extended temperature
40LD 5x5 QFN package
c)
MCP8025-115H/MP: High temperature
40LD 5x5 QFN package
d)
MCP8025T-115H/MP: Tape and Reel
High temperature
40LD 5x5 QFN package
e)
MCP8026-115E/MP: Extended temperature
40LD 5x5 QFN package
f)
MCP8026T-115E/MP: Tape and Reel
Extended temperature
40LD 5x5 QFN package
g)
MCP8026-115H/MP: High temperature
40LD 5x5 QFN package
h)
MCP8026T-115H/MP: Tape and Reel
High temperature
40LD 5x5 QFN package
i)
MCP8025-115E/PT:
Extended temperature
48LD TQFP-EP package
j)
MCP8025T-115E/PT: Tape and Reel
Extended temperature
48LD TQFP-EP package
k)
MCP8025-115H/PT:
High temperature
48LD TQFP-EP package
l)
MCP8025T-115H/PT: Tape and Reel
High Temperature
48LD TQFP-EP package
m) MCP8026-115E/PT:
Extended temperature
48LD TQFP-EP package
n)
MCP8026T-115E/PT: Tape and Reel
Extended temperature
48LD TQFP-EP package
o)
MCP8026-115H/PT:
High temperature
48LD TQFP-EP package
p)
MCP8026T-115H/PT: Tape and Reel
High temperature
48LD TQFP-EP package
PART NO.
-X
/XX
Package
Temperature
Device
X
Temperature
Range
Warning
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
X (1)
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com