Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 33Page - Microchip Technology MCP8026 Datasheet HTML 34Page - Microchip Technology MCP8026 Datasheet HTML 35Page - Microchip Technology MCP8026 Datasheet HTML 36Page - Microchip Technology MCP8026 Datasheet HTML 37Page - Microchip Technology MCP8026 Datasheet HTML 38Page - Microchip Technology MCP8026 Datasheet HTML 39Page - Microchip Technology MCP8026 Datasheet HTML 40Page - Microchip Technology MCP8026 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 37
MCP8025/6
4.5.3
DE2 COMMUNICATIONS PORT
A half-duplex 9600 baud UART interface is available to
communicate with an external host. The port is used to
configure the MCP8025/6 and also for status and fault
messages. The DE2 communication port is described
in
detail
in
Section 4.5.3.1
“Communication
Interface”
.
4.5.3.1
Communication Interface
A
single-wire,
half-duplex,
9600
baud,
8-bit
bidirectional communication interface is implemented
using the open-drain DE2 pin. The interface consists of
eight data bits, one Stop bit and one Start bit. The
implementation of the interface is described in the
following sections.
The DE2 interface is an open-drain interface. The
open-drain output is capable of sinking a minimum of
1 mA of current while maintaining less than 50 mV at
the output.
A 5 k
 resistor should typically be used between the
host transmit pin and the MCP8025/6 DE2 pin to allow
the MCP8025/6 to drive the DE2 line when the host TX
pin is at an idle high level.
The DE2 communication is active when CE = 0 with
the constraint that the MCP8025/6 devices will not
initiate any messages. The host processor may initiate
messages regardless of the state of the CE pin when
the device is not in Sleep mode. The MCP8025/6
devices will respond to host commands when the CE
pin is low. The time from receiving the last bit of a
command message to sending the first bit of the
response message ranges from DE2RSP to DE2WAIT
corresponding to 0 µs to 3.125 ms.
4.5.3.2
Packet Format
Every
internal
status
change
will
provide
a
communication to the microcontroller. The interface
uses a standard UART baud rate of 9600 bits per
second.
In the DE2 protocol, the transmitter and the receiver do
not share a clock signal. A clock signal does not
emanate from one transmitter to the other receiver.
Due to this reason, the protocol is asynchronous. The
protocol uses only one line to communicate, so the
transmit/receive packet must be done in Half-Duplex
mode. A new transmit message is allowed only when a
complete packet has been transmitted.
The host must listen to the DE2 line in order to check
for contentions. In case of contention, the host must
release the line and wait for at least three packet-length
times before initiating a new transfer.
Figure 4-4
illustrates a basic DE2 data packet.
4.5.3.3
Packet Timing
While no data is being transmitted, a logic ‘1’ must be
placed on the open-drain DE2 line by an external
pull-up resistor. A data packet is composed of one Start
bit, which is always a logic ‘0’, followed by eight data
bits and a Stop bit. The Stop bit must always be a logic
‘1’. It takes 10 bits to transmit a byte of data.
The device detects the Start bit by detecting the
transition from logic ‘1’ to logic ‘0’ (note that, while the
data line is idle, the logic level is high). Once the Start
bit is detected, the next data bit’s “center” can be
assured to be 24 ticks minus 2 (worst-case
synchronizer uncertainty) later. From then on, every
next data bit center is 16 clock ticks later. Figure 4-5
illustrates this point.
4.5.3.4
Message Handling
The driver will not transition to Standby mode or Sleep
mode while a message is being received. If a DE2
message is being received or transmitted while the
driver is transitioning from Operational mode to either
Sleep mode (tSLEEP) or Standby mode (tSTANDBY), the
driver will wait until the ongoing message is completed
before changing modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com