Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 20Page - Microchip Technology MCP8026 Datasheet HTML 21Page - Microchip Technology MCP8026 Datasheet HTML 22Page - Microchip Technology MCP8026 Datasheet HTML 23Page - Microchip Technology MCP8026 Datasheet HTML 24Page - Microchip Technology MCP8026 Datasheet HTML 25Page - Microchip Technology MCP8026 Datasheet HTML 26Page - Microchip Technology MCP8026 Datasheet HTML 27Page - Microchip Technology MCP8026 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
MCP8025/6
DS20005339B-page 24
 2016 Microchip Technology Inc.
3.20
Driver Bootstrap Inputs
(VBA, VBB, VBC)
High-side MOSFET driver bias. Connect these pins
between the bootstrap charge pump diode cathode and
the bootstrap charge pump capacitor. The 12V LDO
output is used to provide 12V at the diode anodes. The
phase signals are connected to the other side of the
bootstrap charge pump capacitors. The bootstrap
capacitors charge to 12V when the phase signals are
pulled low by the low-side drivers. When the low-side
drivers turn off and the high-side drivers turn on, the
phase signal is pulled to VDD, causing the bootstrap
voltage to rise to VDD +12V.
3.21
12V LDO (+12V)
+12-volt Low Dropout (LDO) voltage regulator output.
The +12V LDO may be used to power external devices
such as Hall-effect sensors or amplifiers. The LDO
requires an output capacitor for stability. The positive
side of the output capacitor should be physically
located as close to the +12V pin as is practical. For
most applications, 4.7 µF of capacitance will ensure
stable operation of the LDO circuit. The +12V LDO is
supplied by the internal charge pump when the charge
pump is active. When the charge pump is inactive, the
+12V LDO is supplied by VDD.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR
performance at high frequency.
3.22
Buck Regulator Switch Output
(LX)
Buck
regulator
switch
node
external
inductor
connection. Connect this pin to the external inductor
chosen for the buck regulator.
3.23
Power Supply Input (VDD)
Connect VDD to the main supply voltage. This voltage
should be the same as the motor voltage. The driver
overcurrent and overvoltage shutdown features are
relative to the VDD pin. When the VDD voltage is
separate from the motor voltage, the overcurrent and
overvoltage protection features may not be available.
The VDD voltage must not exceed the maximum
operating limits of the device. Connect a bulk capacitor
close to this pin for good loadstep performance and
transient protection.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR
performance at high frequency.
3.24
Buck Regulator Feedback Input
(FB)
Buck regulator feedback node that is compared to an
internal 1.25V reference voltage. Connect this pin to a
resistor divider that sets the buck regulator output
voltage. Connecting this pin to a separate +2.5V to
+5.5V supply will disable the buck regulator. The FB pin
should not be connected to the +5V LDO to disable the
buck because the +5V LDO starts after the buck in the
internal state machine. The lack of voltage at the FB pin
would cause a buck UVLO fault.
3.25
5V LDO (+5V)
+5-volt Low Dropout (LDO) voltage regulator output.
The +5V LDO may be used to power external devices,
such as Hall-effect sensors or amplifiers. The +5V LDO
is disabled on the MCP8026 when CE = 0. The internal
state machine starts the buck regulator before the +5V
LDO, so the +5V LDO should not be connected to the
buck FB pin to disable the buck regulator. A buck UVLO
fault will occur if the +5V LDO is used to disable the
buck regulator. The LDO requires an output capacitor
for stability. The positive side of the output capacitor
should be physically located as close to the +5V pin as
is practical. For most applications, 4.7 µF of
capacitance will ensure stable operation of the LDO
circuit.
The type of capacitor used can be ceramic, tantalum or
aluminum electrolytic. The low ESR characteristics of
the ceramic will yield better noise and PSRR
performance at high frequency.
3.26
Charge Pump Flying Capacitor
(CAP1, CAP2)
Charge pump flying capacitor connections. Connect
the charge pump capacitor across these two pins. The
charge pump flying capacitor supplies the power for the
12V LDO when the charge pump is active.
3.27
Communications Port (DE2)
Open-drain
communication
node.
The
DE2
communication is a half-duplex, 9600 baud, 8-bit, no
parity communication link. The open-drain DE2 pin
must be pulled high by an external pull-up resistor. The
pin has a minimum drive capability of 1 mA resulting in
a VDE2 of  50 mV when driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com