Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 11Page - Microchip Technology MCP8026 Datasheet HTML 12Page - Microchip Technology MCP8026 Datasheet HTML 13Page - Microchip Technology MCP8026 Datasheet HTML 14Page - Microchip Technology MCP8026 Datasheet HTML 15Page - Microchip Technology MCP8026 Datasheet HTML 16Page - Microchip Technology MCP8026 Datasheet HTML 17Page - Microchip Technology MCP8026 Datasheet HTML 18Page - Microchip Technology MCP8026 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 15
MCP8025/6
Symmetry
TRX_SYM
-2
—
+2
µs
Symmetry of receiver
propagation delay rising edge
w.r.t.falling edge
Voltage Level Translators (MCP8026)
High-Voltage Input Range
VIN
0—
VDD
V
Low-Voltage Output Range
VOUT
0—
5.0V
V
Input Pull-Up Resistor
RPU
—
30
—
k
High-Level Input Voltage
VIH
0.60
—
—
VDD
VDD = 15V
Low-Level Input Voltage
VIL
—
—
0.40
VDD
VDD = 15V
Input Hysteresis
VHYS
—
—
0.30
VDD
Propagation Delay
TLV_OUT
—3.0
6.0
µs
(Note 2)
Maximum Communication Fre-
quency
FMAX
——
20
kHz
(Note 2)
Low-Voltage Output Sink
Current (Open-Drain)
IOL
—1
—
mA
VOUT  50 mV
DE2 Communications
Baud Rate
BAUD
—
9600
—
bps
Power-Up Delay
PU_DELAY
—
1
—
ms
Time from rising VDD  6V
to DE2 active
DE2 Sink Current
DE2iSINK
1—
—
mA
VDE2  50 mV (Note 2)
DE2 Message Response Time
DE2RSP
0—
—
µs
Time from last received Stop
bit to Response Start bit
(Note 2)
DE2 Host Wait Time
DE2WAIT
3.125
—
—
ms
Minimum time for host
to wait for response. Three
packets based on 9600 baud
(Note 2)
DE2 Message Receive Timeout DE2RCVTOUT
—
5
—
ms
Time between message bytes
INTERNAL ROM (READ-ONLY MEMORY) DATA RETENTION
Cell High Temperature
Operating Life
HTOL
—
1000
—
Hours TJ = 150°C (Note 1)
Cell Operating Life
—
10
—
Years
TJ = 85°C
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications:
Unless otherwise noted, TJ = -40°C to +150°C, typical values are for +25°C, VDD =13V.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1:
1000 hour cumulative maximum for ROM data retention (typical).
2:
Limits are by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com