Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 4 Page - Microchip Technology

  MCP8026 Datasheet HTML 1Page - Microchip Technology MCP8026 Datasheet HTML 2Page - Microchip Technology MCP8026 Datasheet HTML 3Page - Microchip Technology MCP8026 Datasheet HTML 4Page - Microchip Technology MCP8026 Datasheet HTML 5Page - Microchip Technology MCP8026 Datasheet HTML 6Page - Microchip Technology MCP8026 Datasheet HTML 7Page - Microchip Technology MCP8026 Datasheet HTML 8Page - Microchip Technology MCP8026 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
MCP8025/6
DS20005339B-page 4
 2016 Microchip Technology Inc.
Functional Block Diagram – MCP8025
LIN
XCVR
CE
FAULTn/TXE
RX
TX
PWM1H
PWM1L
PWM2H
PWM2L
PWM3H
PWM3L
LIN_BUS
MUX
+
-
PHA
PHB
PHC
PGND
ZC_OUT
COMP_REF
NEUTRAL_SIM
MUX1
MUX2
MOTOR CONTROL UNIT
COMMUNICATION PORT
BIAS GENERATOR
+12V
HSA
HSB
HSC
LSA
LSB
LSC
VBA
VBB
VBC
GATE
CONTROL
LOGIC
I
I
I
I
I
I
I
I
I
O
O
O
O
O
O
O
VDD
I_OUT1
+
-
+
-
ILIMIT_OUT
I_SENSE1+
I_SENSE1-
DRIVER
FAULT
VDD
I
I
I/O
I/O
O
I
I
I
I
I
O
PHASE DETECT
ILIMIT_REF
LDO
BUCK SMPS
SUPERVISOR
LDO
CHARGE PUMP
DE2
VDD
+5V
LX
FB
+12V
CAP2
CAP1
SIM Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com