Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 43Page - Microchip Technology MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology MCP8026 Datasheet HTML 49Page - Microchip Technology MCP8026 Datasheet HTML 50Page - Microchip Technology MCP8026 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 47
MCP8025/6
REGISTER 4-5:
STAT1: STATUS REGISTER 1
U-0
U-0
R-0
R-1
R-0
R-0
U-0
U-0
—
—
UVLOF5V
BORW
XOCPF
XUVLOF
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented:
Read as ‘0’
bit 5
UVLOF5V:
+5V LDO Undervoltage Lockout
1
= +5V LDO output voltage < 4.0V
0
= +5V LDO output voltage > 4.0V
bit 4
BORW:
Brown-out Reset Warning, Configuration Lost
1
= Internal device reset has occurred since last configuration message
0
= No internal device reset has occurred since last configuration message
bit 3
XOCPF:
External MOSFET Overcurrent Protection Fault (1)
1
= External MOSFET VDS > CFG0<EXTOC> value
0
= External MOSFET VDS < CFG0<EXTOC> value
bit 2
XUVLOF:
External MOSFET Gate Drive Undervoltage Fault
1
=HSX Output Voltage < 8V
0
=HSX Output Voltage > 8V
bit 1-0
Unimplemented:
Read as ‘0’
Note 1:
Only valid when CFG0<EXTSC> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com