Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 31Page - Microchip Technology MCP8026 Datasheet HTML 32Page - Microchip Technology MCP8026 Datasheet HTML 33Page - Microchip Technology MCP8026 Datasheet HTML 34Page - Microchip Technology MCP8026 Datasheet HTML 35Page - Microchip Technology MCP8026 Datasheet HTML 36Page - Microchip Technology MCP8026 Datasheet HTML 37Page - Microchip Technology MCP8026 Datasheet HTML 38Page - Microchip Technology MCP8026 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
 2016 Microchip Technology Inc.
DS20005339B-page 35
MCP8025/6
The HV_IN1 pin may be used to wake the device from
the Sleep mode state. The MCP8026 will wake up on
the rising edge of the pin after detecting a low state
lasting > 250 µs on the pin.
4.4.3
STANDBY STATE
Standby state is entered when the CE pin goes low for
longer than 1 ms and the Sleep configuration bit is
inactive. When Standby mode is entered, the following
subsystems are disabled:
• high-side gate drives (HSA, HSB, HSC), forced
low
• low-side gate drives (LSA, LSB, LSC), forced low
• +12V LDO
•+5V LDO (MCP8026)
• the 30 k
 pull-up resistor connected to the level
translator is switched out of the circuit to minimize
current consumption (configurable) (MCP8026)
• the 30 k
 pull-up resistor connected to the LIN
Bus is switched out of the circuit to minimize
current consumption (configurable) (MCP8025)
The buck regulator stays enabled. The DE2
communication port remains active but the port may
only respond to commands. When CE is inactive, the
DE2 port is prevented from initiating communications in
order to conserve power.
The total current consumption of the device when CE is
inactive (device disabled) stays within the Standby
mode input quiescent current limits specified in the
AC/DC Characteristics table.
4.4.4
SLEEP MODE
Sleep mode is entered when both a SLEEP command
is sent to the device via DE2 communication and the
CE pin is low. The two conditions may occur in any
order. The transition to Sleep mode occurs after the last
of the two conditions occurs and the tSLEEP delay time
has elapsed. The SLEEP bit in the CFG0 configuration
register indicates when the device should transition to
a low-power mode. The device will operate normally
until the CE pin is transitioned low by an external
device. At that point in time, the SLEEP bit value
determines whether the device transitions to Standby
mode or low-power Sleep mode. The quiescent current
during Sleep mode will typically be 5 μA. When Sleep
mode is activated, most functions will be shut off,
including the buck regulator. Only the power-on reset
monitor, the voltage translators and the minimal state
machine will remain active to detect a wake-up event.
This indicates that the host processor will be shut down
if the host is using the buck regulator for power. The
device will stay in the low-power Sleep mode until
either of the following conditions is met:
• The CE pin is toggled low for a minimum of
250 μs and then transitioned high.
• The LIN_BUS pin receives a LIN wake-up event.
The wake-up event must last at least 250 µs, per
LIN Standard 2.2A. (MCP8025)
• The HV_IN1 pin transitions high after being in a
low state lasting longer than 250 µs. (MCP8026)
The MCP8025/6 devices are not required to retain
configuration data while in Sleep mode. Sleep mode
will set the BORW bit. When exiting Sleep mode, the
host should send a new configuration message to
configure the device if the default configuration values
are not desired. The same configuration sequence
used during power-up may be used when exiting Sleep
mode. Sleep mode will not be entered if there is a fault
active that will affect the buck regulator output voltage.
This prevents a transition to Sleep mode when the host
is powered by the buck regulator and the regulator is in
an unreliable state.
4.5
Communication Ports
The communication ports provide a means of
communicating to the host system.
4.5.1
LIN BUS TRANSCEIVER (MCP8025)
The MCP8025 provides a physical interface between a
microcontroller and a LIN half-duplex bus. It is intended
for automotive and industrial applications with serial
bus speeds up to 20 kilobaud. The MCP8025 provides
a half-duplex, bidirectional communication interface
between a microcontroller and the serial network bus.
This device will translate the CMOS/TTL logic levels to
LIN level logic and vice versa.
The LIN Bus transceiver circuit provides a LIN
Bus-compliant interface between the LIN Bus and a
LIN-capable UART on an external microcontroller. The
LIN Bus transceiver is load dump protected and
conforms to LIN 2.1.
4.5.1.1
LIN Wake-Up
A LIN wake-up event may be used to wake up the
MCP8025 from Sleep mode. The MCP8025 will wake
up on the rising edge of the LIN bus after detecting a
dominate state lasting > 150 µs on the LIN_BUS pin.
The LIN Bus master must provide the dominate state
for > 250 µs to meet the LIN 2.2A and SAE J2602.
4.5.1.2
FAULT/TXE (MCP8025)
The FAULT/TXE pin is a bidirectional open-drain output
pin. The state of the pin is defined in Table 4-6.
Whenever the FAULT/TXE signal is low, the LIN
transmitter is OFF. The transmitter may be re-enabled
whenever the FAULT/TXE signal returns high, either by
removing the internal fault condition or by the host
returning the FAULT/TXE high.
The FAULT/TXE will go low when there is a mismatch
between the TX input and the LIN_BUS level. This may
be used to detect a bus contention.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com