Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 42Page - Microchip Technology MCP8026 Datasheet HTML 43Page - Microchip Technology MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology MCP8026 Datasheet HTML 47Page - Microchip Technology MCP8026 Datasheet HTML 48Page - Microchip Technology MCP8026 Datasheet HTML 49Page - Microchip Technology MCP8026 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
MCP8025/6
DS20005339B-page 46
 2016 Microchip Technology Inc.
REGISTER 4-4:
STAT0: STATUS REGISTER 0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
BUVLOF
BUVLOW
BIOCPW
OVLOF
DOVLOF
UVLOF
OTPF
OTPW
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
BUVLOF:
Buck Undervoltage Lockout Fault
1
= Buck output voltage is below 80% of expected value
0
= Buck output voltage is above 80% of expected value
bit 6
BUVLOW:
Buck Undervoltage Lockout Warning
1
= Buck output voltage is below 90% of expected value
0
= Buck output voltage is above 90% of expected value
bit 5
BIOCPW:
Buck Input Overcurrent Protection Warning
1
= Buck input current is above 2A peak
0
= Buck input current is below 2A peak
bit 4
OVLOF:
Input Overvoltage Lockout Fault
1
=VDD Input Voltage > 32V
0
=VDD Input Voltage < 32V
bit 3
DOVLOF:
Driver Input Overvoltage Lockout Fault (MCP8025 only, MCP8026 = 0)
1
= 20V < VDDH
0
=VDD < 20V
bit 2
UVLOF:
Input Undervoltage Fault
1
=VDD Input Voltage < 5.5V
0
=VDD Input Voltage > 5.5V
bit 1
OTPF:
Overtemperature Protection Fault
1
= Device junction temperature is > 160°C
0
= Device junction temperature is < 160°C
bit 0
OTPW:
Overtemperature Protection Warning
1
= Device junction temperature is > 115°C
0
= Device junction temperature is < 115°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com