Electronic Components Datasheet Search
  English  ▼

X  

MCP8026 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP8026
Description  3-Phase Brushless DC (BLDC) Motor Gate Driver with Power Module, Sleep Mode, and LIN Transceiver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP8026 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP8026 Datasheet HTML 38Page - Microchip Technology MCP8026 Datasheet HTML 39Page - Microchip Technology MCP8026 Datasheet HTML 40Page - Microchip Technology MCP8026 Datasheet HTML 41Page - Microchip Technology MCP8026 Datasheet HTML 42Page - Microchip Technology MCP8026 Datasheet HTML 43Page - Microchip Technology MCP8026 Datasheet HTML 44Page - Microchip Technology MCP8026 Datasheet HTML 45Page - Microchip Technology MCP8026 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
MCP8025/6
DS20005339B-page 42
 2016 Microchip Technology Inc.
SET_CFG_1
1
00000011
(03H) Set DAC Motor Current Limit Reference Voltage ‘Not Acknowledged’
(Response)
01000011
(43H) Set DAC Motor Current Limit Reference Voltage ‘Acknowledged’
(Response)
2
7:0
00H – FFH
Current DAC Current Reference Value: 13.77 mV/bit + 0.991V
GET_CFG_1
1
00000100
(04H) Get DAC Motor Current Limit Reference Voltage ‘Not Acknowledged’
(Response)
01000100
(44H) Get DAC Motor Current Limit Reference Voltage ‘Acknowledged’
(Response)
2
7:0
00H – FFH
Current DAC Current Reference Value: 13.77 mV/bit + 0.991V
STATUS_0
17:0 00000101 (05H) Status Register 0 ‘Not Acknowledged’ (Response)
01000101
(45H) Status Register 0 ‘Acknowledged’ (Response)
10000101
(85H) Status Register 0 Command to Host (Unsolicited)
27:0
00000000
Normal Operation
00000001
Temperature Warning (TJ > 72% TSD_MIN = 115°C) (Default)
00000010
Overtemperature (TJ > 160°C)
00000100
Input Undervoltage (VDD <5.5V)
00001000
Driver Input Overvoltage (20V < VDDH < 32V)
00010000
Input Overvoltage (VDD >32V)
00100000
Buck Regulator Overcurrent
01000000
Buck Regulator Output Undervoltage Warning
10000000
Buck Regulator Output Undervoltage (< 80%, Brown-out Error)
STATUS_1
17:0 00000110 (06H) Status Register 1 ‘Not Acknowledged’ (Response)
01000110
(46H) Status Register 1 ‘Acknowledged’ (Response)
10000110
(86H) Status Register 1 Command to Host (Unsolicited)
27:0
00000000
Normal Operation
00000001
Reserved
00000010
Reserved
00000100
External MOSFET Undervoltage Lockout (UVLO)
00001000
External MOSFET Overcurrent Detection
00010000
Brown-out Reset – Config Lost (Start-Up Default = 1)
00100000
+5V LDO Undervoltage Lockout (UVLO)
01000000
Reserved
10000000
Reserved
TABLE 4-8:
DE2 COMMUNICATION MESSAGES FROM MCP8025/6 TO HOST (CONTINUED)
MESSAGE
BYTE BIT
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com