| Electronic Components Datasheet Search |
|
DS2155 Datasheet(PDF) 109 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2155 Datasheet(HTML) 109 Page - Dallas Semiconductor |
|
109 / 262 page ![]() DS2156 109 of 262 Register Name: TCBR1 Register Description: Transmit Channel Blocking Register 1 Register Address: 8Ch Bit # 7 6 5 4 3 2 1 0 Name CH8 CH7 CH6 CH5 CH4 CH3 CH2 CH1 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Transmit Channels 1 to 8 Channel Blocking Control Bits (CH1 to CH8) 0 = force the TCHBLK pin to remain low during this channel time 1 = force the TCHBLK pin high during this channel time Register Name: TCBR2 Register Description: Transmit Channel Blocking Register 2 Register Address: 8Dh Bit # 7 6 5 4 3 2 1 0 Name CH16 CH15 CH14 CH13 CH12 CH11 CH10 CH9 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Transmit Channels 9 to 16 Channel Blocking Control Bits (CH9 to CH16) 0 = force the TCHBLK pin to remain low during this channel time 1 = force the TCHBLK pin high during this channel time Register Name: TCBR3 Register Description: Transmit Channel Blocking Register 3 Register Address: 8Eh Bit # 7 6 5 4 3 2 1 0 Name CH24 CH23 CH22 CH21 CH20 CH19 CH18 CH17 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Transmit Channels 17 to 24 Channel Blocking Control Bits (CH17 to CH24) 0 = force the TCHBLK pin to remain low during this channel time 1 = force the TCHBLK pin high during this channel time Register Name: TCBR4 Register Description: Transmit Channel Blocking Register 4 Register Address: 8Fh Bit # 7 6 5 4 3 2 1 0 Name CH32 CH31 CH30 CH29 CH28 CH27 CH26 CH25 Default 0 0 0 0 0 0 0 0 Bits 0 to 7/Transmit Channels 25 to 32 Channel Blocking Control Bits (CH25 to CH32) 0 = force the TCHBLK pin to remain low during this channel time 1 = force the TCHBLK pin high during this channel time |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |