Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 105 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 105 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 101Page - Dallas Semiconductor DS2155 Datasheet HTML 102Page - Dallas Semiconductor DS2155 Datasheet HTML 103Page - Dallas Semiconductor DS2155 Datasheet HTML 104Page - Dallas Semiconductor DS2155 Datasheet HTML 105Page - Dallas Semiconductor DS2155 Datasheet HTML 106Page - Dallas Semiconductor DS2155 Datasheet HTML 107Page - Dallas Semiconductor DS2155 Datasheet HTML 108Page - Dallas Semiconductor DS2155 Datasheet HTML 109Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 262 page
background image
DS2156
105 of 262
The transmit-channel idle-code enable registers (TCICE1/2/3/4) are used to determine which of the 24 T1 or 32 E1
channels from the backplane to the T1 or E1 line should be overwritten with the code placed in the per-channel
code array.
Register Name:
TCICE1
Register Description:
Transmit-Channel Idle-Code Enable Register 1
Register Address:
80h
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit Channels 1 to 8 Code Insertion Control Bits (CH1 to CH8)
0 = do not insert data from the idle-code array into the transmit data stream
1 = insert data from the idle-code array into the transmit data stream
Register Name:
TCICE2
Register Description:
Transmit-Channel Idle-Code Enable Register 2
Register Address:
81h
Bit #
7
6
5
4
3
2
1
0
Name
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit Channels 9 to 16 Code Insertion Control Bits (CH9 to CH16)
0 = do not insert data from the idle-code array into the transmit data stream
1 = insert data from the idle code-array into the transmit data stream
Register Name:
TCICE3
Register Description:
Transmit-Channel Idle-Code Enable Register 3
Register Address:
82h
Bit #
7
6
5
4
3
2
1
0
Name
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit Channels 17 to 24 Code Insertion Control Bits (CH17 to CH24)
0 = do not insert data from the idle-code array into the transmit data stream
1 = insert data from the idle code-array into the transmit data stream
Register Name:
TCICE4
Register Description:
Transmit-Channel Idle-Code Enable Register 4
Register Address:
83h
Bit #
7
6
5
4
3
2
1
0
Name
CH32
CH31
CH30
CH29
CH28
CH27
CH26
CH25
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Transmit Channels 25 to 32 Code Insertion Control Bits (CH25 to CH32)
0 = do not insert data from the idle-code array into the transmit data stream
1 = insert data from the idle-code array into the transmit data stream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com