Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 115 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 115 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 111Page - Dallas Semiconductor DS2155 Datasheet HTML 112Page - Dallas Semiconductor DS2155 Datasheet HTML 113Page - Dallas Semiconductor DS2155 Datasheet HTML 114Page - Dallas Semiconductor DS2155 Datasheet HTML 115Page - Dallas Semiconductor DS2155 Datasheet HTML 116Page - Dallas Semiconductor DS2155 Datasheet HTML 117Page - Dallas Semiconductor DS2155 Datasheet HTML 118Page - Dallas Semiconductor DS2155 Datasheet HTML 119Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 262 page
background image
DS2156
115 of 262
19.
G.706 INTERMEDIATE CRC-4 UPDATING (E1 MODE ONLY)
The DS2156 can implement the G.706 CRC-4 recalculation at intermediate path points. When this mode
is enabled, the data stream presented at TSER already has the FAS/NFAS, CRC multiframe alignment
word, and CRC-4 checksum in time slot 0. The user can modify the Sa bit positions. This change in data
content is used to modify the CRC-4 checksum. This modification, however, does not corrupt any error
information the original CRC-4 checksum may contain. In this mode of operation, TSYNC must be
configured to multiframe mode. The data at TSER must be aligned to the TSYNC signal. If TSYNC is an
input, then the user must assert TSYNC aligned at the beginning of the multiframe relative to TSER. If
TSYNC is an output, the user must multiframe-align the data presented to TSER.
Figure 19-1. CRC-4 Recalculate Method
TSER
XOR
CRC-4
CALCULATOR
EXTRACT
OLD CRC-4
CODE
INSERT
NEW CRC-4
CODE
MODIFY
Sa BIT
POSITIONS
NEW Sa BIT
DATA
+
TPOSO/TNEGO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com