Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 118 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 118 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 114Page - Dallas Semiconductor DS2155 Datasheet HTML 115Page - Dallas Semiconductor DS2155 Datasheet HTML 116Page - Dallas Semiconductor DS2155 Datasheet HTML 117Page - Dallas Semiconductor DS2155 Datasheet HTML 118Page - Dallas Semiconductor DS2155 Datasheet HTML 119Page - Dallas Semiconductor DS2155 Datasheet HTML 120Page - Dallas Semiconductor DS2155 Datasheet HTML 121Page - Dallas Semiconductor DS2155 Datasheet HTML 122Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 262 page
background image
DS2156
118 of 262
Register Name:
SR8
Register Description:
Status Register 8
Register Address:
24h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
BOCC
RFDLAD
RFDLF
TFDLE
RMTCH
RBOC
Default
0
0
0
0
0
0
0
0
Bit 0/Receive BOC Detector Change-of-State Event (RBOC). Set whenever the BOC detector sees a change of
state to a valid BOC. The setting of this bit prompts the user to read the RFDL register.
Bit 1/Receive FDL Match Event (RMTCH). Set whenever the contents of the RFDL register matches RFDLM1
or RFDLM2.
Bit 2/TFDL Register Empty Event (TFDLE). Set when the transmit FDL buffer (TFDL) empties.
Bit 3/RFDL Register Full Event (RFDLF). Set when the receive FDL buffer (RFDL) fills to capacity.
Bit 4/RFDL Abort Detect Event (RFDLAD). Set when eight consecutive 1s are received on the FDL.
Bit 5/BOC Clear Event (BOCC). Set when 30 FDL bits occur without an abort sequence.
Register Name:
IMR8
Register Description:
Interrupt Mask Register 8
Register Address:
25h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
BOCC
RFDLAD
RFDLF
TFDLE
RMTCH
RBOC
Default
0
0
0
0
0
0
0
0
Bit 0/Receive BOC Detector Change-of-State Event (RBOC)
0 = interrupt masked
1 = interrupt enabled
Bit 1/Receive FDL Match Event (RMTCH)
0 = interrupt masked
1 = interrupt enabled
Bit 2/TFDL Register Empty Event (TFDLE)
0 = interrupt masked
1 = interrupt enabled
Bit 3/RFDL Register Full Event (RFDLF)
0 = interrupt masked
1 = interrupt enabled
Bit 4/RFDL Abort Detect Event (RFDLAD)
0 = interrupt masked
1 = interrupt enabled
Bit 5/BOC Clear Event (BOCC)
0 = interrupt masked
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com