Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 132 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 132 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 128Page - Dallas Semiconductor DS2155 Datasheet HTML 129Page - Dallas Semiconductor DS2155 Datasheet HTML 130Page - Dallas Semiconductor DS2155 Datasheet HTML 131Page - Dallas Semiconductor DS2155 Datasheet HTML 132Page - Dallas Semiconductor DS2155 Datasheet HTML 133Page - Dallas Semiconductor DS2155 Datasheet HTML 134Page - Dallas Semiconductor DS2155 Datasheet HTML 135Page - Dallas Semiconductor DS2155 Datasheet HTML 136Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 262 page
background image
DS2156
132 of 262
22.
HDLC CONTROLLERS
This device has two enhanced HDLC controllers, HDLC #1 and HDLC #2. Each controller is
configurable for use with time slots, Sa4 to Sa8 bits (E1 mode), or the FDL (T1 mode). Each HDLC
controller has 128-byte buffers in the transmit and receive paths. When used with time slots, the user can
select any time slot or multiple time slots, contiguous or noncontiguous, as well as any specific bits
within the time slot(s) to assign to the HDLC controllers.
The user must not map both transmit HDLC controllers to the same Sa bits, time slots or, in T1 mode,
map both controllers to the FDL. HDLC #1 and HDLC #2 are identical in operation and therefore the
following operational description refers only to a singular controller.
The HDLC controller performs the entire necessary overhead for generating and receiving performance
report messages (PRMs) as described in ANSI T1.403 and the messages as described in AT&T TR54016.
The HDLC controller automatically generates and detects flags, generates and checks the CRC check
sum, generates and detects abort sequences, stuffs and destuffs zeros, and byte aligns to the data stream.
The 128-byte buffers in the HDLC controller are large enough to allow a full PRM to be received or
transmitted without host intervention.
22.1 Basic Operation Details
The HDLC registers are divided into four groups: control/configuration, status/information, mapping, and
FIFOs. Table 22-A lists these registers by group.
22.2 HDLC Configuration
The HxTC and HxRC registers perform the basic configuration of the HDLC controllers. Operating
features such as CRC generation, zero stuffer, transmit and receive HDLC mapping options, and idle
flags are selected here. These registers also reset the HDLC controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com