Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 137 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 137 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 133Page - Dallas Semiconductor DS2155 Datasheet HTML 134Page - Dallas Semiconductor DS2155 Datasheet HTML 135Page - Dallas Semiconductor DS2155 Datasheet HTML 136Page - Dallas Semiconductor DS2155 Datasheet HTML 137Page - Dallas Semiconductor DS2155 Datasheet HTML 138Page - Dallas Semiconductor DS2155 Datasheet HTML 139Page - Dallas Semiconductor DS2155 Datasheet HTML 140Page - Dallas Semiconductor DS2155 Datasheet HTML 141Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 262 page
background image
DS2156
137 of 262
22.3 HDLC Mapping
22.3.1 Receive
The HDLC controllers must be assigned a space in the T1/E1 bandwidth in which they transmit and
receive data. The controllers can be mapped to either the FDL (T1), Sa bits (E1), or to channels. If
mapped to channels, then any channel or combination of channels, contiguous or not, can be assigned to
an HDLC controller. When assigned to a channel(s), any combination of bits within the channel(s) can be
avoided.
The HxRCS1–HxRCS4 registers are used to assign the receive controllers to channels 1–24 (T1) or
1–32 (E1) according to the following table:
Register
Channels
HxRCS1
1–8
HxRCS2
9–16
HxRCS3
17–24
HxRCS4
25–32
Register Name:
H1RCS1, H1RCS2, H1RCS3, H1RCS4
H2RCS1, H2RCS2, H2RCS3, H2RCS4
Register Description:
HDLC # 1 Receive Channel Select x
HDLC # 2 Receive Channel Select x
Register Address:
92h, 93h, 94h, 95h
A2h, A3h, A4h, A5h
Bit #
7
6
5
4
3
2
1
0
Name
RHCS7
RHCS6
RHCS5
RHCS4
RHCS3
RHCS2
RHCS1
RHCS0
Default
0
0
0
0
0
0
0
0
Bit 0/Receive HDLC Channel Select Bit 0 (RHCS0). Select Channel 1, 9, 17, or 25.
Bit 1/Receive HDLC Channel Select Bit 1 (RHCS1). Select Channel 2, 10, 18, or 26.
Bit 2/Receive HDLC Channel Select Bit 2 (RHCS2). Select Channel 3, 11, 19, or 27.
Bit 3/Receive HDLC Channel Select Bit 3 (RHCS3). Select Channel 4, 12, 20, or 28.
Bit 4/Receive HDLC Channel Select Bit 4 (RHCS4). Select Channel 5, 13, 21, or 29.
Bit 5/Receive HDLC Channel Select Bit 5 (RHCS5). Select Channel 6, 14, 22, or 30.
Bit 6/Receive HDLC Channel Select Bit 6 (RHCS6). Select Channel 7, 15, 23, or 31.
Bit 7/Receive HDLC Channel Select Bit 7 (RHCS7). Select Channel 8, 16, 24, or 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com