Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 214 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 214 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 210Page - Dallas Semiconductor DS2155 Datasheet HTML 211Page - Dallas Semiconductor DS2155 Datasheet HTML 212Page - Dallas Semiconductor DS2155 Datasheet HTML 213Page - Dallas Semiconductor DS2155 Datasheet HTML 214Page - Dallas Semiconductor DS2155 Datasheet HTML 215Page - Dallas Semiconductor DS2155 Datasheet HTML 216Page - Dallas Semiconductor DS2155 Datasheet HTML 217Page - Dallas Semiconductor DS2155 Datasheet HTML 218Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 262 page
background image
DS2156
214 of 262
28.
INTERLEAVED PCM BUS OPERATION (IBO)
Note: The interleaved PCM bus operation is not available when UTOPIA backplane is enabled.
In many architectures, the PCM outputs of individual framers are combined into higher speed PCM buses
to simplify transport across the system backplane. The DS2156 can be configured to allow PCM data to
be multiplexed into higher speed buses eliminating external hardware, saving board space and cost. The
DS2156 can be configured for channel or frame interleave.
The interleaved PCM bus operation (IBO) supports three bus speeds. The 4.096MHz bus speed allows
two PCM data streams to share a common bus. The 8.192MHz bus speed allows four PCM data streams
to share a common bus. The 16.384MHz bus speed allows eight PCM data streams to share a common
bus. See Figure 28-1 for an example of four transceivers sharing a common 8.192MHz PCM bus. The
receive elastic stores of each transceiver must be enabled. Through the IBO register, the user can
configure each transceiver for a specific bus position. For all IBO bus configurations, each transceiver is
assigned an exclusive position in the high-speed PCM bus. The 8kHz frame sync can be generated from
the system backplane or from the first device on the bus. All other devices on the bus must have their
frame syncs configured as inputs. Relative to this common frame sync, the devices await their turn to
drive or sample the bus according to the settings of the DA0, DA1, and DA2 bits of the IBOC register.
28.1 Channel Interleave
In channel interleave mode, data is output to the PCM data-out bus one channel at a time from each of the
connected DS2156s until all channels of frame n from each DS2156 have been placed on the bus. This
mode can be used even when the DS2156s are operating asynchronous to each other. The elastic stores
manage slip conditions (Figure 34-22).
28.2 Frame Interleave
In frame interleave mode, data is output to the PCM data-out bus one frame at a time from each of the
DS2156s. This mode is used only when all connected DS2156s are operating in a synchronous fashion
(all inbound T1 or E1 lines are synchronous) and are synchronous with the system clock (system clock
derived from T1 or E1 line). Slip conditions are not allowed in this mode (Figure 34-23).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com