Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 20Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 21Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 22Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 23Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
RT9238
Preliminary
www.richtek-ic.com.tw
DS9238-01 July 2001
20
PWM MOSFET Selection and Considerations
In high-current PWM applications, the MOSFET
power dissipation, package selection and heatsink
are the dominant design factors. The power
dissipation includes two main loss components:
conduction losses and switching losses. These
losses are distributed between the upper and lower
MOSFET according to
the
duty factor. The
conduction losses are the main component of power
dissipation for the lower MOSFETs. Only the upper
MOSFET has significant switching losses, since the
lower device turns on and off into near zero voltage.
The equations presented assume linear voltage-
current transitions and do not model power losses
due to the lower MOSFET’s body diode or the output
capacitances associated with either MOSFET. The
gate charge losses are dissipated by the controller IC
(RT9238) and do not contribute to the MOSFETs’
heat rise. Ensure that both MOSFETs are within their
maximum junction temperature at high ambient
temperature by calculating the
temperature rise
according
to
package
thermal
resistance
specifications.
A
separate
heatsink
may
be
necessary depending upon MOSFET power, package
type, ambient temperature and air flow.
The RDS(ON) is different for the two equations above
even if the same device is used for both. This is
because the gate drive applied to the upper MOSFET
is different than the lower MOSFET. Fig.15 shows the
gate drive where the upper MOSFET’s gate-to-
source voltage is approximately VCC less the input
supply. For +5V main power and +12VDC for the
bias, the approximate gate-to-source voltage of Q1 is
7V. The lower gate drive voltage is about 8V. A logic-
level MOSFET is a good choice for Q1 and a logic-
level MOSFET can be used for Q2 if its absolute
gate-to-source voltage rating exceeds the maximum
voltage applied to VCC.
Fig.15 Upper Gate Drive-direct VCC Drive
Rectifier CR1 is a clamp that catches the negative
inductor swing during the dead time between the turn
off of the lower MOSFET and the turn on of the upper
MOSFET. For best results, the diode must be a
surface-mount Schottky type to prevent the parasitic
MOSFET body diode from
conducting. It is
acceptable to omit the diode and let the body diode of
the lower MOSFET clamp the negative inductor
swing, but one must ensure the PHASE node
negative voltage swing does not exceed -3V to -5V
peak. The diode’s rated reverse breakdown voltage
must be equal or greater to 1.5 times the maximum
input voltage.
Linear Controllers Transistor Selection
The RT9238 linear controllers are compatible with
both NPN bipolar as well as N-channel MOSFET
transistors. The main criteria for selection of pass
transistors for the linear regulators is package
selection for efficient removal of heat. The power
dissipated in a linear regulator is
Select a package and heatsink that maintains the
junction temperature below the maximum desired
temperature with the maximum expected ambient
temperature.
When selecting bipolar NPN transistors for use with
the linear controllers, insure the current gain at the
2
F
t
V
I
V
V
R
I
P
S
SW
IN
O
IN
OUT
)
ON
(
DS
2
O
UPPER
×
×
×
+
×
×
=
IN
OUT
IN
)
ON
(
DS
2
O
LOWER
V
)
V
V
(
R
I
P
−
×
×
=
)
V
V
(
I
P
OUT
IN
O
LINEAR
−
×
=
+12V
VCC
+5V OR LESS
UGATE
PHASE
Q1
LGATE
PGND
Q2
CR1
GND
NOTE:
VGS ≈ 8V
NOTE:
VGS ≈ VCC - 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com