Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9238CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
1
VRM8.5 PWM and Triple Linear Power System Controller
General Description
The RT9238 is a 4-in-one power controller optimized
for high-performance microprocessor and computer
applications. The IC integrates a PWM controller,
triple linear controller as well as monitoring and
protection functions into a 28-pin SOP package. The
PWM controller regulates the microprocessor core
voltage with a synchronous buck converter. The first
linear controller supplies the computer system’s
AGTL+ 1.2V bus power. The second linear controller
provides power for the 1.5V AGP bus and the 3rd
linear controller provides 1.8V power for the chipset
core voltage and/or cache memory circuits.
The RT9238 features an Intel VRM8.5 compatible,
TTL 5-bit programmable DAC that adjusts the core
voltage from 1.090V to 1.865V in 25mV steps. The 5-
bit DAC has a typical
±1% tolerance. The linear
regulators provide fixed output voltages of 1.2V
(VOUT2), 1.5V (VOUT3) and 1.8V (VOUT4) or user-
adjustable with an internal 1.265V reference. All the
three linear regulators drive external N-MOSFET or
NPNs bipolar for the pass transistor.
The RT9238 monitors all the output voltages. A
power-good signal is issued when the core voltage is
within
±10% of the DAC setting and the other levels
are above their under-voltage levels. Additional build-
in over-voltage protection for the core output uses the
lower MOSFET to prevent output voltage above
115% of the DAC setting. The PWM over-current
function monitors the output current using the voltage
drop
across
the
MOSFET’s
RDS(ON),
which
eliminates the need for a current sensing resistor.
Applications
Motherboard Power Regulation for Computers
Features
4-in-one Regulated Voltages for Microprocessor
Core, AGTL+ Bus, AGP Bus Power, and
North/South Bridge Core
Compatible with ISL6524
Power-good Output Voltage Monitor
Switching section
VRM8.5 TTL-Compatible 5-bit DAC
Programmable from 1.090V to 1.865V
±±±±1% DAC Accuracy
Fast Transient Response
VRM 8.5 Voltage Droop Tuning Uses MOSFET
R DS(ON)
Fixed 200KHz Switching Frequency
Adaptive Non-overlapping Gate Driver
Over-current Monitor Uses MOSFET RDS(ON)
Over-voltage Protection Uses Lower MOSFET
Linear Section
Fixed or User-adjustable Linear Regulator
Output Voltage
MOSFET and NPN Driving Capability
Ultra Fast Response Speed
Under-voltage Protection
Internal Thermal Shutdown
Pin Configurations
Part Number
Pin Configurations
RT9238CS
(Plastic SOP-28)
1
2
3
4
5
6
7
8
9
10
11
12
17
18
19
20
21
22
23
24
25
26
27
28
13
14
16
15
FIX
VID3
VID2
VID1
VID0
VID25
PGOOD
VTTPG
FAULT/VID4
DRIVE2
SS24
VSEN2
SS13
VSEN4
LGATE1
VCC
UGATE1
PHASE1
PGND
OCSET1
FB1
VDAC
VSEN3
DRIVE3
GND
ICOMP
VAUX
DRIVE4


Similar Part No. - RT9238CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9230CS ETC-RT9230CS Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
RT9231 ETC-RT9231 Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-CS ETC-RT9231-CS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
RT9231-MS ETC-RT9231-MS Datasheet
304Kb / 10P
Advaned PWM and Triple Linear Power Controller
More results

Similar Description - RT9238CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 8, 2005
HIP6521 INTERSIL-HIP6521 Datasheet
156Kb / 13P
PWM and Triple Linear Power Controller
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
PWM and Triple Linear Power Controller
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
VRM8.5 PWM and Triple Linear Power System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com