Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9238CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
5
Absolute Maximum Ratings
Supply Voltage
+15V
FAULT/VID4 and GATE Voltage
GND
−0.3V ~ VCC+0.3V
Input, Output or I/O Voltage
GND
−0.3V ~ 7V
Ambient Temperature Range
0
°C ~ +70°C
Operating Junction Temperature Range
0
°C ~ +125°C
Storage Temperature Range
−65°C ~ +150°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Package Thermal Resistance
SOP-28,
θJA
60
°C/W
Recommended Operating Conditions
Supply Voltage
+12V
±10%
Ambient Temperature Range
0
°C to 70°C
Junction Temperature Range
0
°C to 125°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Electrical Characteristics
(VCC = 12V, PGND = 0V, TA = 25
°C, Unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE1, LGATE1, DRIVE2,
DRIVE3, and DRIVE4 Open
--
10
--
mA
Power-On Reset
VCC Rising Threshold
VOCSET1 = 4.5V
6.5
--
9.5
V
VCC Falling Threshold
VOCSET1 = 4.5V
6--
9
V
Rising VAUX Threshold
VOCSET1 = 4.5V
--
1.5
--
V
VAUX Threshold Hysteresis
VOCSET1 = 4.5V
--
0.2
--
V
Rising VOCSET1 Threshold
--
1.25
--
V
DAC AND Band Gap Reference
DAC (VID25-VID3) Input Low Voltage
--
--
0.8
V
DAC(VID25-VID3) Input High Voltage
2.0
--
--
V
DACOUT Voltage Accuracy
VDAC + 40mV
-10
--
+20
mV
Oscillator
Free Running Frequency
180
200
225
KHz
Ramp Amplitude
∆ VOSC
--
1.9
--
VP-P
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com