Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
11
Functional Description
Operation
The RT9238 monitors and precisely controls 4 output
voltage levels (Refer to Figures 1, 2, and function
block). It is designed for microprocessor computer
applications with 3.3V, 5V, and 12V bias input from
an ATX power supply. The IC has one PWM and
three linear controllers. The PWM controller is
designed to regulate the microprocessor core voltage
(VOUT1). The PWM controller drives 2 MOSFETs (Q1
and Q2) in a synchronous-rectified buck converter
configuration and regulates the core voltage to a level
programmed by the 5-bit digital-to-analog converter
(DAC). The first linear controller (EA2) is designed to
provide the AGTL+ bus voltage (VOUT2) by driving a
MOSFET (Q3) pass element to regulate the output
voltage to a level of 1.2V. The remaining two linear
controllers (EA3 and EA4) supply the 1.5V advanced
graphics port (AGP) bus power (VOUT3) and the 1.8V
chipset core power (VOUT4).
Initialization
The RT9238 automatically initializes in ATX-based
systems upon receipt of input power. The Power-On
Reset (POR) function continually monitors the input
supply voltages. The POR monitors the bias voltage
(+12VIN) at the VCC pin, the 5V input voltage (+5VIN)
at the OCSET pin, and the 3.3V input voltage
(+3.3VIN) at the VAUX pin. The normal level on
OCSET is equal to +5VIN less a fixed voltage drop
(see over-current protection). The POR function
initiates soft-start operation after all supply voltages
exceed their POR thresholds.
Soft-Start
The 1.8V supply designed to power the chipset
(OUT4), cannot lag the ATX 3.3V by more than 2V, at
any time. To meet this special requirement, the linear
block controlling this output operates independently
of the chip’s power-on reset. Thus, DRIVE4 is driven
to raise the OUT4 voltage before the input supplies
reach their POR levels. As seen in Fig.3, at time T0
the power is turned on and the
input supplies ramp up. Immediately following, OUT4
is also ramped up, lagging the ATX 3.3V by about
1.8V. At time T1, the POR function initiates the SS24
soft-start sequence. Initially, the voltage on the SS24
pin rapidly increases to approximately 1V (this
minimizes the soft-start interval). Then, an internal
28
µA current source charges an external capacitor
(CSS24) on the SS24 pin to about 4.5V. As the SS24
voltage increases, the EA2 error amplifier drives Q3
to provide a smooth transition to the final set voltage.
The OUT4 reference (clamped to SS24) increasing
past the intermediary level, established based on the
ATX 3.3V presence at the VAUX pin, brings the
output in regulation soon after T2.
As OUT2 increases past the 90% power-good level,
the second soft-start (SS13) is released. Between T2
and T3, the SS13 pin voltage ramps from 0V to the
valley of the oscillator’s triangle wave (at 1.25V).
Contingent upon OUT2 remaining above 1.08V, the
first PWM pulse on PHASE1 triggers the VTTPG pin
to go high. The oscillator’s triangular wave form is
compared to the clamped error amplifier output
voltage. As the SS13 pin voltage increases, the
pulse-width on the PHASE1 pin increases, bringing
the OUT1 output within regulation limits. Similarly, the
SS13 voltage clamps the reference voltage for OUT3,
enabling a controlled output voltage ramp-up. At time
T4, all output voltages are within power-good limits,
situation reported by the PGOOD pin going high.
The T2 to T3 time interval is dependent upon the
value of CSS13. The same capacitor is also
responsible for the ramp-up time of the OUT1 and
OUT3 voltages. If selecting a different capacitor then
recommended in the circuit application literature,
consider the effects the different value will have on
the ramp-up time and inrush currents of the OUT1
and OUT3 outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com