Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 11Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 12Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
13
MOSFET’s on-resistance, RDS(ON) to monitor the
current for protection against a shorted output. All
linear regulators monitor their respective VSEN pins
for under-voltage to protect against excessive
currents.
Fig.5 illustrates the over-current protection with an
overload on OUT1. The overload is applied at T0 and
the current increases through the inductor (LOUT1). At
time T1, the OC1 comparator trips when the voltage
across
Q1
(iD•RDS(ON))
exceeds
the
level
programmed by ROCSET . This inhibits outputs 1, 2,
and 3, discharges the soft-start capacitor CSS24 with
28
µA current sink, and increments the counter. Soft-
start capacitor CSS13 is quickly discharged. CSS13
starts ramping up at T2 and initiates a new soft-start
cycle. With OUT2 still overloaded, the inductor
current increases to trip the over-current comparator.
Again, this inhibits the outputs, but the CSS24 soft-
start voltage continues increasing to above 4.0V
before discharging. Soft-start capacitor CSS13 is,
again, quickly discharged. The counter increments to
2. The soft-start cycle repeats at T3 and trips the
over-current comparator. The SS24 pin voltage
increases to above 4.0V at T4 and the counter
increments to 3. This sets the fault latch to disable
the converter.
Fig.5 Over-current Operation
The three linear controllers monitor their respective
VSEN pins for under-voltage. Should excessive
currents cause VSEN3 or VSEN4 to fall below the
linear under-voltage threshold, the respective UV
signals set the OC latch or the FAULT latch,
providing respective
CSS capacitors are fully
charged. Blanking the UV signals during the CSS
charge interval allows the linear outputs to build
above the under-voltage threshold during normal
operation. Cycling the bias input power off then on
resets the counter and the fault latch.
An external resistor (ROCSET) programs the over-
current trip level for the PWM converter. As shown in
Fig.6, the internal 200
µA current sink (IOCSET)
develops a voltage across ROCSET (VSET) that is
referenced to VIN. The DRIVE signal enables the
over-current comparator (OC). When the voltage
across the upper MOSFET (VDS(ON)) exceeds VSET,
the over-current comparator trips to set the over-
current latch. Both VSET and VDS are referenced to
VIN and a small capacitor across ROCSET helps
VOCSET track the variations of VIN due to MOSFET
switching. The over-current function will trip at a peak
inductor current (IPEAK) determined by:
The OC trip point varies with MOSFET’s RDS(ON)
temperature variations. To avoid over-current tripping
in the normal operating load range, determine the
ROCSET resistor value from the equation above
with:
1. The maximum RDS(ON) at the highest junction
temperature
2. The minimum IOCSET from the specification table
3. Determine IPEAK for IPEAK > IOUT(MAX) + (
∆I)/ 2,
where
∆I is the output inductor ripple current.
For an equation for the ripple current see the section
under component guidelines titled ‘Output Inductor
Selection’.
)
ON
(
DS
OCSET
OCSET
PEAK
R
R
I
I
×
=
0A
0V
2V
4V
0V
10V
T0T1
T2
T3T4
TIME
FAULT
REPORTED
COUNT = 1 COUNT = 2 COUNT = 3
OVERLOAD
APPLIED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com