Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 13Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 14Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 20Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
17
provide closed loop transfer function with 0 dB
crossing frequency and adequate phase margin. For
some suggestion LC combinations are L/C =
4
µH/6000µF, 3uH/8000uF or 2µH/12000µF. Fig.9
shows an asymptotic plot of the DC-DC converter’s
gain vs. frequency.
Fig.8 Error Amplifier Compensation
Fig.9 PWM Bode Plot
Transient Response
Modern micro-processsor’s power supply request a
voltage droop at load transient response and a
loadlines at static state load changing as shown in
Fig.10, and Fig.11.
Fig.10 Transient Response
Fig.11 VCORE Load Line
Two things have to be completed at load transient
response, first is to sense the instantaneous load
current, second is real time to drop the VCORE voltage
based on the loadlines. A RT9238 internal trans-
conductance (Gm) amplifier sample the on-state drop
across the lower MOSFET per clock cycle, the
voltage drop is simply RDS-ON X inductor current IL. In
step-down DC-DC converter, the IL is relative to load
current. The transferred rate of the Gm amplifier is
1/3k, this mean the current output of Gm amplifier is
ISENSE = RDS(ON) x IL/3k.
Fig.12 shown the voltage droop tuning circuit, a
DACOUT buffer amplifier connect a RF resistor to the
non-inverting input of the PWM error amplifier, when
load transient happened, the feedback ISENSE current
fitted to the non-inverting input of the PWM error
amplifier to drop the VCORE voltage. The drop
voltage is equal to
VDROOP = ISENSE x RF
Fig.12 Voltage Droop Tuning
EA
Active Cap
10
100
1K
10K
100K
1M
100
80
60
40
20
0
-20
-40
-60
MODULATOR
GAIN
COMPENSATION
CLOSED
LOOP
GAIN
FP1
FESR
FLC
FZ1
20log
VIN
VP-P
∆ IO
VCORE Ripple
10
20
30
A
Volt
1.70
1.60
VCORE Maximum
VCORE Typical
VCORE Minimum
_
_
+
Gm
Control
Logic
RS
RS
COMP
VNI
RF
REFOUT
Reference Output
REF
LG
PHASE
UG
Rds-on
IM2
Sample Hold
Low Side Current Sense
Error Amp
Isense
DAC Buffer
IM1
VCORE
IL
V5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com