Electronic Components Datasheet Search
  English  ▼

X  

RT9238CS Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RT9238CS
Description  VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9238CS Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RT9238CS Datasheet HTML 15Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 16Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 17Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 18Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 19Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 20Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 21Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 22Page - List of Unclassifed Manufacturers RT9238CS Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Preliminary
RT9238
DS9238-01 July 2001
www.richtek-ic.com.tw
19
response time to a load transient. The inductor value
determines the converter’s ripple current and the
ripple voltage is a function of the ripple current. The
ripple voltage and current are approximated by the
following equations:
Increasing the value of inductance reduces the ripple
current and voltage. However, large inductance
values increase the converter’s response time to a
load transient.
One of the parameters limiting the converter’s
response to a load transient is the time required to
change the inductor current. Given a sufficiently fast
control loop design, the RT9238 will provide either
0% or 100% duty cycle in response to a load
transient. The response time is the time interval
required to slew the inductor current from an initial
current value to the post-transient current level.
During this interval the difference between the
inductor current and the transient current level must
be supplied by the output capacitor(s). Minimizing the
response time can minimize the output capacitance
required.
The response time to a transient is different for the
application of load and the removal of load. The
following equations give the approximate response
time interval for application and removal of a transient
load:
where: ITRAN is the transient load current step, tRISE
is the response time to the application of load, and
tFALL is the response time to the removal of load. Be
sure to check both of these equations at the minimum
and maximum output levels for the worst case
response time.
Input Capacitor Selection
The important parameters for the bulk input capacitor
are the voltage rating and the RMS current rating. For
reliable operation, select bulk input capacitors with
voltage and current ratings above the maximum input
voltage and largest RMS current required by the
circuit. The capacitor voltage rating should be at least
1.25 times greater than the maximum input voltage.
The maximum RMS current rating requirement for the
input capacitors of a buck regulator is approximately
1/2 of the DC output load current. Worst-case RMS
current draw in a circuit employing the RT9238
amounts to the largest RMS current draw of the
switching regulator.
Use a mix of input bypass capacitors to control the
voltage overshoot across the MOSFETs. Use
ceramic
capacitance
for
the
high
frequency
decoupling and bulk capacitors to supply the RMS
current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage
induced in the parasitic circuit impedances.
For a through-hole design, several electrolytic
capacitors (Panasonic HFQ series or Nichicon PL
series or Sanyo MV-GX or equivalent) may be
needed. For surface mount designs, solid tantalum
capacitors can be used, but caution must be
exercised with regard to the capacitor surge current
rating. These capacitors must be capable of handling
the surge current at power-up. The TPS series
available from AVX, and the 593D series from
Sprague are both surge current tested.
MOSFET Selection/Considerations
The RT9238 requires 5 external transistors. Two N-
channel MOSFETs are employed by the PWM
converter. The GTL, AGP, and memory linear
controllers can each drive a MOSFET or a NPN
bipolar as a pass transistor. All these transistors
should be selected based upon RDS(ON) , current
gain, saturation voltages, gate supply requirements,
and thermal management considerations.
IN
OUT
S
OUT
IN
V
V
L
F
V
V
I
×
×
−
=
∆
ESR
I
VOUT
×
∆
=
∆
OUT
IN
TRAN
O
RISE
V
V
I
L
t
−
×
=
OUT
TRAN
O
FALL
V
I
L
t
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com